Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-F24-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM-F24-R
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-F24-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM-F24-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-F24-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
451
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/PM-54
Extremely small size and space saving
PM-24 series contributes to the miniaturization or space
saving of your equipment.
Equipped with two independent outputs
All models are equipped with two independent outputs-
Light-ON and Dark-ON.
Hence, one model suffices even if the output is to be
used differently, depending upon the location of use.
Also, since two independent outputs have been
provided, cumbersome handling of the output conversion
control input, or fear of logic inversion due to a cable
break, is eliminated. The sensor can be connected to the
existing wiring as it is.
25.4 mm
1.000 in
22.3
mm
0.878 in
11 mm
0.433 in
Previous
model
22 mm
0.866 in
12 mm
0.472 in
Ultra-small type
PM-K24(-R)
(
)
Wide model variety
A wide variety of 5 shapes and 15 models is available.
You may select from this wide range to suit the mounting
conditions.
Conforming to
EMC Directive
Recognition
PM-24 SERIES
Extremely small size enables space saving!!
Certified
(Some models only)
Ultra-small U-shaped Micro Photoelectric Sensor Amplifier Built-in
■General terms and conditions...........F-17 ■Sensor selection guide..................P.441~
Meets global requirements
Conforms to Europe’s EMC Directive and obtains UL
Recognition.
Both, NPN and PNP output models are available.
The
PM-□24 has also obtained Korea’s S-mark
certification.
Note: Ensure to insulate the unused output wire.
+V
0 V
Output 1 (Light-ON)
Output 2 (Dark-ON)
Connected device side
can be left as it is.
To PLC
Commercial intermediate connector
Just connect the cable of the used
output (either Light-ON or Dark-ON).
Example of connection with a commercial intermediate connector
panasonic-electric-works.net/sunx
■Glossaryofterms/Generalprecautions.......P.1359~/P.1405
■Korea’s S-mark..............................P.1410


Similar Part No. - PM-F24-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PM-F25 PANASONIC-PM-F25 Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
PM-F25-C3 PANASONIC-PM-F25-C3 Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
PM-F25-P PANASONIC-PM-F25-P Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
PM-F25-R PANASONIC-PM-F25-R Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
More results

Similar Description - PM-F24-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-24 ETC2-PM-24 Datasheet
483Kb / 6P
Ultra-small U-shaped Micro Photoelectric Sensor Amplifier Built-in
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
Ultra-Slim, Narrow Beam Photoelectric Sensor
logo
List of Unclassifed Man...
PM-Y64 ETC2-PM-Y64 Datasheet
705Kb / 8P
Connector Built-in U-shaped Micro Photoelectric Sensor
logo
Shenzhen Titan Micro El...
TM-SX670 TITAN-TM-SX670 Datasheet
197Kb / 4P
Micro photoelectric sensor
logo
Silicon Microstructures...
SM6841 SMI-SM6841 Datasheet
2Mb / 4P
ULTRA-SMALL PRESSURE SENSOR
logo
Panasonic Semiconductor
EX-21A PANASONIC-EX-21A Datasheet
966Kb / 14P
Ultra-compact Photoelectric Sensor
PM-K25 PANASONIC-PM-K25 Datasheet
999Kb / 16P
U-shaped Micro Photoelectric Sensor
EX-20 PANASONIC-EX-20 Datasheet
966Kb / 14P
Ultra-compact Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com