Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R24 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PM-R24
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-R24 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PM-R24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ultra-small U-shaped Micro Photoelectric Sensor
PM-24 SERIES
454
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/
PM-54
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
I/O CIRCUIT AND WIRING DIAGRAMS
PM-□24 PM-□24-R
NPN output type
I/O circuit diagram
Wiring diagram
Notes: 1) Make sure to connect terminals correctly as the sensor does not
incorporate a reverse polarity protection circuit.
Further, the output is not incorporated with a short-circuit
protection circuit. Do not connect it directly to a power supply or a
capacitive load. Faulty wiring may result in damage.
2) Ensure to insulate the unused output wire.
Output operation
Color code
Output operation
Output 1
Black
Light-ON
Output 2
White
Dark-ON
Symbols … ZD1, ZD2: Surge absorption zener diode
Tr1, Tr2 : NPN output transistor
Color code
(Brown) +V
5 to 24 V DC
±10 %
+
–
(Blue) 0 V
Users’ circuit
Internal circuit
ZD1
ZD2
Tr2
Tr1
50 mA max.
50 mA max.
(Black) Output 1
(Note 1,2)
(White) Output 2 (Note 1,2)
Load
Load
Brown
5 to 24 V DC
±10 %
+
–
Black
White
Blue
Load
Load
PM-□24P
PNP output type
I/O circuit diagram
Wiring diagram
Output operation
Color code
Output operation
Output 1
Black
Light-ON
Output 2
White
Dark-ON
Color code
(Brown) +V
5 to 24 V DC
±10 %
+
–
(Blue) 0 V
Users’ circuit
Internal circuit
ZD1
ZD2
Tr2
Tr1
50 mA max.
50 mA max.
(Black) Output 1 (Note 1,2)
(White) Output 2 (Note 1,2) Load
Load
Brown
5 to 24 V DC
±10 %
+
–
Black
White
Blue
Load
Load
SENSING CHARACTERISTICS (TYPICAL)
Sensing position
Notes: 1) Make sure to connect terminals correctly as the sensor does not
incorporate a reverse polarity protection circuit.
Further, the output is not incorporated with a short-circuit
protection circuit. Do not connect it directly to a power supply or a
capacitive load. Faulty wiring may result in damage.
2) Ensure to insulate the unused output wire.
Symbols … ZD1, ZD2 : Surge absorption zener diode
Tr1, Tr2 : PNP output transistor
Dark-
ON
Light-
ON
Operating point (mm in)
01
0.039
Beam
axis
2 mm
0.079 in
5.5 mm
0.217 in
2
0.079
3
0.118
4
0.157
Dark-
ON
Light-
ON 0
6 mm
0.236 in
1
0.039
2
0.079
3
0.118
4
0.157
Operating point (mm in)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com