Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM-R24 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PM-R24
Description  Ultra-small U-shaped Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM-R24 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PM-R24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM-R24 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ultra-small U-shaped Micro Photoelectric Sensor
PM-24 SERIES
456
Selection
Guide
U-shaped
Convergent
Reflective
PM-64
PM-24
PM-44/
PM-54
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
PM-K24(P) PM-K24-R
Sensor
PM-L24(P) PM-L24-R
Sensor
PM-F24(P) PM-F24-R
Sensor
PM-R24(P) PM-R24-R
Sensor
PM-U24(P) PM-U24-R
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from our website.
Beam axis
Beam axis
4 0.157
3
0.118
6
0.236
2
0.079
13.4
0.528
18 0.709
22 0.866
5
0.197
2
0.079
ø4.8
ø0.189
5.5
0.217
12
0.472
8
0.315
Operation indicator
(Vermilion)
2-ø2.5 ø0.098
mounting holes
ø2.7 ø0.106 cable,
1 m 3.281 ft long
Beam axis
Beam axis
5.5 0.217
3
0.118
10.5
0.413
2
0.079
13.4
0.528
10 0.394
4 0.157
5
0.197
6
0.236
5.5 0.217
12
0.472
8
0.315
Operation indicator
(Vermilion)
2-ø2.5 ø0.098 mounting holes
ø2.7 ø0.106 cable, 1 m 3.281 ft long
Beam axis
Beam axis
1.5 0.059
3
0.118
6.7
0.264
10.5
0.413
2
0.079
2
0.079
ø2
ø0.079
4
0.157
13.4
0.528
4 0.157
5
0.197
6
0.236
5.5
0.217
5.5
0.217
12
0.472
8
0.315
Operation indicator
(Vermilion)
ø4.8
ø0.189
ø2.7 ø0.106 cable,
1 m 3.281 ft long
ø2.5 ø0.098 mounting hole
Beam axis
Beam axis
1.5 0.059
3
0.118
6.7
0.264
10.5
0.413
2
0.079
2
0.079
ø2
ø0.079
4 0.157
4
0.157
13.4
0.528
5
0.197
6
0.236
5.5 0.217
5.5
0.217
12
0.472
8
0.315
Operation indicator
(Vermilion)
ø4.8
ø0.189
ø2.7 ø0.106 cable, 1 m 3.281 ft long
ø2.5 ø0.098 mounting hole
Beam axis
Beam axis
3
0.118
16
0.630
2
0.079
13.4
0.528
5
0.197
6
0.236
5.5 0.217
12
0.472
8
0.315
Operation indicator
(Vermilion)
ø2.7 ø0.106 cable, 1 m 3.281 ft long
2-ø2.5 ø0.098 mounting holes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com