Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP800FSS12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP800FSS12
Description  Powerline N-Channel Single Switch IGBT Module Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800FSS12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP800FSS12 Datasheet HTML 1Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 2Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 3Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 4Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 5Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 6Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 7Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 8Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GP800FSS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/11
The GP800FSS12 is a single switch 1200V, robust n
channel enhancement mode insulated gate bipolar
transistor (IGBT) module. Designed for low power loss, the
module is suitable for a variety of high voltage applications
in motor drives and power conversion. The high
impedance gate simplifies gate drive considerations
enabling operation directly from low power control
circuitry.
Fast switching times allow high frequency operation
making the device suitable for the latest drive designs
employing pwm and high frequency switching. The IGBT
has a wide reverse bias safe operating area (RBSOA) for
ultimate reliability in demanding applications.
These modules incorporate electrically isolated base
plates and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise earthed
heat sinks for safety.
The powerline range of high power modules includes
dual and single switch configurations with a range of
current and voltage capabilities to match customer system
demands.
Typical applications include dc motor drives, ac pwm
drives, main traction drives and auxiliaries, large ups
systems and resonant inverters.
FEATURES
s
n - Channel
s
Enhancement Mode
s
High Input Impedance
s
Optimised For High Power High Frequency Operation
s
Isolated Base
s
Full 1200V Capability
s
800A Per Module
APPLICATIONS
s
High Power Switching
s
Motor Control
s
Inverters
s
Traction Systems
KEY PARAMETERS
V
CES
1200V
V
CE(sat)
(typ)
2.7V
I
C
(max)
800A
I
C(PK)
(max)
1600A
Fig. 1 Electrical connections - (not to scale)
Fig.2 Single switch circuit diagram
Outline type code: F
(See package details for further information)
ORDERING INFORMATION
Order As: GP800FSS12
Note: When ordering, please use the complete part number.
1
3
2
4
9
8
7
10
11
12
6
5
3/4(E)
9(G1)
1/2(C)
8(E1)
7(C1)
GP800FSS12
Powerline N-Channel Single Switch IGBT Module
Preliminary Information
Replaces October 1999 version, DS5239-2.0
DS5239-3.0 January 2000


Similar Part No. - GP800FSS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800FSS18 DYNEX-GP800FSS18 Datasheet
140Kb / 10P
Singles Switch IGBT Module
More results

Similar Description - GP800FSS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
Single Switch IGBT Module Preliminary Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
Powerline N-Channel Single Switch IGBT Module Advance Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
GP401LSS18 DYNEX-GP401LSS18 Datasheet
109Kb / 11P
Powerline N-Channel Single Switch Low Loss IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
Hi-Reliability Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com