Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP800FSS12 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # GP800FSS12
Description  Powerline N-Channel Single Switch IGBT Module Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800FSS12 Datasheet(HTML) 4 Page - Dynex Semiconductor

  GP800FSS12 Datasheet HTML 1Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 2Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 3Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 4Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 5Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 6Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 7Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 8Page - Dynex Semiconductor GP800FSS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GP800FSS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
4/11
INDUCTIVE SWITCHING CHARACTERISTICS
For definition of switching waveforms, refer to figure 3 and 4.
Symbol
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
Conditions
ns
ns
mJ
1300
200
170
130
150
-
-
-
Parameter
Min.
Typ.
Max.
Units
1100
t
f
t
d(on)
Turn-on delay time
ns
900
-
800
Rise time
E
ON
Turn-on energy loss
ns
mJ
400
130
90
320
-
-
t
r
I
C = 800A
V
GE = ±15V
V
CE = 600V
R
G(ON) = RG(OFF) = 3.3Ω
L ~ 100nH
T
case =
125˚C unless stated otherwise.
T
case = 25˚C unless stated otherwise
Q
rr
Diode reverse recovery charge
µC
200
150
-
Q
rr
Diode reverse recovery charge
µC
-
170
-
I
F = 800A
V
R = 50%VCES,
dI
F/dt = 2000A/µs
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
ns
ns
mJ
1500
250
250
170
200
-
-
-
1300
t
f
t
d(on)
Turn-on delay time
ns
1200
-
950
Rise time
E
ON
Turn-on energy loss
ns
mJ
450
200
150
350
-
-
t
r
I
C = 800A
V
GE = ±15V
V
CE = 600V
R
G(ON) = RG(OFF) = 3.3Ω
L ~ 100nH
Q
rr
Diode reverse recovery charge
µC
260
200
-
Q
rr
Diode reverse recovery charge
µC
-
225
-
I
F = 800A
V
R = 50%VCES,
dI
F/dt = 2000A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com