Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB95N4F3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STB95N4F3
Description  N-channel 40 V, 5.0, 80 A STripFET III
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB95N4F3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STB95N4F3 Datasheet HTML 8Page - STMicroelectronics STB95N4F3 Datasheet HTML 9Page - STMicroelectronics STB95N4F3 Datasheet HTML 10Page - STMicroelectronics STB95N4F3 Datasheet HTML 11Page - STMicroelectronics STB95N4F3 Datasheet HTML 12Page - STMicroelectronics STB95N4F3 Datasheet HTML 13Page - STMicroelectronics STB95N4F3 Datasheet HTML 14Page - STMicroelectronics STB95N4F3 Datasheet HTML 15Page - STMicroelectronics STB95N4F3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Package mechanical data
STB95N4F3, STD95N4F3, STP95N4F3
12/20
Doc ID 13288 Rev 4
Table 9.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
1.50
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com