Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS110S Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MAS110S
Description  Fast Turn-off Asymmetric Thyristor/Diode Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS110S Datasheet(HTML) 1 Page - Dynex Semiconductor

  MAS110S Datasheet HTML 1Page - Dynex Semiconductor MAS110S Datasheet HTML 2Page - Dynex Semiconductor MAS110S Datasheet HTML 3Page - Dynex Semiconductor MAS110S Datasheet HTML 4Page - Dynex Semiconductor MAS110S Datasheet HTML 5Page - Dynex Semiconductor MAS110S Datasheet HTML 6Page - Dynex Semiconductor MAS110S Datasheet HTML 7Page - Dynex Semiconductor MAS110S Datasheet HTML 8Page - Dynex Semiconductor MAS110S Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MAS110S
1/9
APPLICATIONS
q
High Frequency High Power Choppers And Inverters.
q
Ultrasonic Generators.
q
Welding.
q
PWM Inverters.
DESCRIPTION
The MAS 110S is a fast thyristor/diode module in an
electrically isolated package. The semiconductors are are
pressure contact mounted giving high resistance to
thermal fatigue, and having excellent heat dissipation
qualities.
Isolation medium is non-toxic alumina.
The MAS110S is recognised under the 'Recognised
Component Program of Underwriters Laboratories Inc.
USA. File number E151069.
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
1400V
I
TSM
2000A
I
T(AV)
per arm
110A
V
isol
2500V
t
q
10/12/15
µs
Fig.2 Single circuit
Conditions
T
vj = 125˚C,
I
DRM
= 50mA,
V
DSM = VDRM + 100V
For full description of part number see 'Ordering Information'.
Type Number
MAS110S 14
MAS110S 12
MAS110S 10
MAS110S 08
MAS110S 06
Repetitive Peak
Off-state Voltage
V
DRM
V
1400
1200
1000
800
600
Outline type code: MAS110S
See Package Details for further information.
THYRISTOR CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean forward current
I
T(RMS)
RMS value
Half wave resistive load, T
case = 75
oC
110
A
T
case = 75
oC
175
A
G
1
K
1
1
2
Fig.1 Package outline (not to scale)
MAS110S
Fast Turn-off Asymmetric Thyristor/Diode Module
Replaces April 1999 version, DS4200-4.0
DS4200-5.0 January 2000


Similar Part No. - MAS110S

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175A1SN06 MAS-MAS1175A1SN06 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175ASM1-T MAS-MAS1175ASM1-T Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175ATB1 MAS-MAS1175ATB1 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
More results

Similar Description - MAS110S

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR400SE DYNEX-ACR400SE Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
Fast Turn-off Asymmetric Thyristor
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
Fast turn-off asymmetric thyristor
logo
ABB
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
Asymmetric Gate turn-off Thyristor
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA30J4502 ABB-5SGA30J4502 Datasheet
365Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGF40L4502 ABB-5SGF40L4502 Datasheet
344Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA30J4505 ABB-5SGA30J4505 Datasheet
238Kb / 10P
Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
Fast Turn-on Asymmetric Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com