Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS110S Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MAS110S
Description  Fast Turn-off Asymmetric Thyristor/Diode Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS110S Datasheet(HTML) 3 Page - Dynex Semiconductor

  MAS110S Datasheet HTML 1Page - Dynex Semiconductor MAS110S Datasheet HTML 2Page - Dynex Semiconductor MAS110S Datasheet HTML 3Page - Dynex Semiconductor MAS110S Datasheet HTML 4Page - Dynex Semiconductor MAS110S Datasheet HTML 5Page - Dynex Semiconductor MAS110S Datasheet HTML 6Page - Dynex Semiconductor MAS110S Datasheet HTML 7Page - Dynex Semiconductor MAS110S Datasheet HTML 8Page - Dynex Semiconductor MAS110S Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MAS110S
3/9
DIODE CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean forward current
I
T(RMS)
RMS value
Half wave resistive load, T
case = 75
oC
112
A
T
case = 75
oC
175
A
DIODE SURGE RATINGS - PER ARM
Conditions
10ms half sine; T
case = 130
oC
V
R = 0% VRRM
Max.
Units
Symbol
Parameter
I
FSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
61.25 x 103
A2s
3.5
kA
Conditions
At 600A, T
case = 25˚C.
Max.
Units
Symbol
Parameter
V
FM
Forward voltage
I
RRM
Peak reverse current
70
mA
2.65
V
At V
RRM, Tcase = 125˚C.
t
rr
Reverse recovery time
1.3
µs
T
case = 125˚C, dIR/dt = -50V/µs, IFM = 200A
V
TO
Threshold voltage
1.6
V
At T
vj = 125˚C.
Forward slope resistance
1.5
m
At T
vj = 125˚C.
r
T
DIODE DYNAMIC CHARACTERISTICS
THYRISTOR GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DRM = 12V,
T
case = 25
oC
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DRM = 12V, Tcase = 25
oC, R
L = 30Ω
I
GT
Gate trigger current
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
Anode positive with respect to cathode
P
GM
Peak gate power
-
P
G(AV)
Mean gate power
-
4.0
V
-
250
mA
-
7.0
V
-10
A
-50
W
-15
W
Typ.
Max.
Units
Average timing = 10ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com