Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3691FL Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MAS3691FL
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691FL Datasheet(HTML) 2 Page - Dynex Semiconductor

  MAS3691FL Datasheet HTML 1Page - Dynex Semiconductor MAS3691FL Datasheet HTML 2Page - Dynex Semiconductor MAS3691FL Datasheet HTML 3Page - Dynex Semiconductor MAS3691FL Datasheet HTML 4Page - Dynex Semiconductor MAS3691FL Datasheet HTML 5Page - Dynex Semiconductor MAS3691FL Datasheet HTML 6Page - Dynex Semiconductor MAS3691FL Datasheet HTML 7Page - Dynex Semiconductor MAS3691FL Datasheet HTML 8Page - Dynex Semiconductor MAS3691FL Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MA3690/1/3
2/41
NDOUT0N
Output
Negative Manchester data for driver on bus 0.
PDIN1
Input
Positive threshold exceeded on bus 1.
NDIN1
Input
Negative threshold exceeded on bus 1.
TXEN1N
Output
Transmit enable for driver on bus 1.
PDOUT1N
Output
Positive Manchester data for driver on bus 1.
NDOUT1N
Output
Negative Manchester data for driver on bus 1.
SUBSYSTEM INTERFACE LINES
STROBEN
Output
STROBE - Information transfer strobe pulse for words being
transferred on the data highway.
BUFENN
Output
BUFFER ENABLE - This line goes low to enable the data
highway buffer between the terminal and the subsystem.
R/WN
Output
READ/WRITE - This line indicates the direction of information
transfer between the terminal and the subsystem. When low,
information is being written from the terminal to the
subsystem.
DTRQN
Output
DATA TRANSFER REQUEST - This line goes low to request
permission to transfer a non mode data word to or from the
subsystem.
DTAKN
Input
DATA TRANSFER ACKNOWLEDGE - This line should be
driven low to grant permission to perform the requested data
word transfer.
MDTN
Output
MODE DATA TRANSFER -
RT: This line goes low to indicate that the data word being
transferred is assosiated with a mode command.
BC: When operating as a passive monitor this line goes low
to indicate that a valid data word is on the data highway and
should be written into the received data latch.
GBRN
Output
GOOD BLOCK RECEIVED - When in RT mode this line will
pulse low to inform the subsystem that the received non
mode data words are valid and may be used.
ADENN
Output
ADDRESS ENABLE - When in RT mode this line will go low
as part of the reset routine to enable the terminal address on
to the data highway.
SYNCN
Output
SYNCHRONISE - This line will pulse low if a valid
synchronise mode command without data is received and
passes all validity checks.
STATENN
Output
STATUS ENABLE -
RT: When low this line enables the contents of the
subsystem status latch on to the data highway.
BC: When low this line enables the BC report word on to the
data highway.
MDRN
Output
MODE DATA RECEIVED - This line will pulse low to
inform the subsystem that the received mode data is
valid and may be used.
RXCMDN
Output
RECEIVED COMMAND -
RT: This line goes low to indicate that a valid command word
for this RT is on the highway and should be written into the
command word latch.
BC: When operating as a passive monitor this line goes low
to indicate that a valid command / status word is on the data
highway and should be written into the received status latch.
BUSYREQN / HALTREQN Input
BUSY REQUEST / HALT REQUEST -
RT: This line should be driven low as a request for the
terminal to set the busy bit and inhibit non mode data
transfers to or from the subsystem.
BC: This line should be driven low as a request for the
terminal to halt table execution and all subsystem access.
BUSYACKN / HALTEDN
Output
BUSY ACKNOWLEDGE / HALTED -
RT: This line will go low to indicate that the subsystem has
free access to the shared store.
BC: This line will go low to indicate that all terminal operation
has been halted and hence the subsystem has free access to
the shared store.
CODENN
Output
CODE ENABLE - This line when low indicates that a
word transfer between the terminal and either the
Instruction Store or the Report Store is taking place.
C0
Output
CODE 0 - This line is the least significant address line from
the terminal to the Instruction and Report Stores.
C1
Output
CODE 1 - This line is the least significant but one address
line from the terminal to the Instruction and Report Stores.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com