Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3691FL Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MAS3691FL
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691FL Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button MAS3691FL Datasheet HTML 3Page - Dynex Semiconductor MAS3691FL Datasheet HTML 4Page - Dynex Semiconductor MAS3691FL Datasheet HTML 5Page - Dynex Semiconductor MAS3691FL Datasheet HTML 6Page - Dynex Semiconductor MAS3691FL Datasheet HTML 7Page - Dynex Semiconductor MAS3691FL Datasheet HTML 8Page - Dynex Semiconductor MAS3691FL Datasheet HTML 9Page - Dynex Semiconductor MAS3691FL Datasheet HTML 10Page - Dynex Semiconductor MAS3691FL Datasheet HTML 11Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MA3690/1/3
7/41
TX Status Missing
This bit will be set if a no-response is detected from an RT
which has been commanded to transmit and the relevant RT
address was not the Broadcast address.
This bit will be reset at the start of each new instruction
cycle or message retry.
TX Status Flag
This bit will be set if the status word received from a
transmitting RT has a bit set or has the wrong terminal
address.
This bit will be reset at the start of each new instruction
execution cycle or message retry.
RX Status Missing
This bit will be set if a no-response is detected from an RT
which has been commanded to receive and the relevant RT
address was not the Broadcast address.
This bit will be reset at the start of each new instruction
cycle or message retry.
RX Status Flag
This bit will be set if the status word received from a
receiving RT has a bit set or has the wrong terminal address.
This bit will be reset at the start of each new instruction
execution cycle or message retry.
Transmitter Timeout On Bus 0
This bit will be set if the transmitter timeout mechanism
operates on Bus 0. This will be set under Self Test execution
with Bus 0 selected in the Instruction word.
This bit will be reset to logic zero if the terminal is reset.
Transmitter Timeout On Bus 1
This bit will be set if the transmitter timeout mechanism
operates on Bus 1. This will be set under Self Test execution
with Bus 1 selected in the Instruction word.
This bit will be reset to logic zero if the terminal is reset.
Continuous Bus Traffic
This bit will be set if the terminal detected that the data bus
is already active when the BC is instructed to execute a
message on that data bus. An active data bus is defined as a
data stream of one command word or status word and greater
than 32 continguous data words being received by the
terminal. The setting of this bit will cause transmission to be
suppressed and a subsystem interrupt to be generated.
It should be noted that:
1. This condition is only likely to be caused by a
runaway RT which transmits continuously.
2. If this condition is present the subsystem is able to
specify the use of the alternative bus for its
transmissions.
This bit will be reset to logic zero when the terminal is reset
or when the terminal detected a quiet bus.
RECEIVE STATUS WORD
The receive status word location is addressed when
CODENN, C1 and R/WN are low and C0 is high. This location
is used by the terminal to store the status word, if any, received
from a receiving RT. In self test mode this location is updated
with the contents of the receive command word during the
instruction fetch cycle.
TRANSMIT STATUS WORD
The transmit status word location is addressed when
CODENN, C0 and R/WN are low and C1 is high. This location
is used by the terminal to store the status word, if any, received
from a transmitting RT. In self test mode this location is
updated with the contents of the transmit command word
during the instruction fetch cycle.
MODES OF OPERATION
The Bus Controller may be controlled in either a single shot
mode or in a table driven mode. In the former, the execution of
the message table would be under direct control of the
subsystem, on a message by message basis.
The table driven mode would provide a subsystem
capable of more autonomous operation, leading to a greatly
reduced level of processor intervention in the message
execution level, at least. In either case the procedure of
Instruction fetch, message execute and reporting would be the
same. The difference arises from the value of the HALTREQN
line when it is resampled at the end of message execution.
This is further described below.
SINGLE SHOT OPERATION
To commence a message execution the subsystem must
take the HALTREQN line low to high for a minimum of 1us.
This will be followed by the terminal acknowledging this action
by the HALTEDN line being set inactive (high). The HALTEDN
line will remain high until the message has been completed, at
which time the HALTREQN line is further sampled. If it is low
then the terminal will halt and wait until the request line is taken
high again, in effect a single instruction execution.
It is important to the integrity of the system that the
HALTREQN line is strictly glitch free, otherwise problems will
arise with the terminal attempting to execute commands at a
time when no terminal access to the various stores can be
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com