Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02/260-12 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MP02/260-12
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/260-12 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MP02/260-12 Datasheet HTML 1Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 2Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 3Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 4Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 5Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 6Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 7Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 8Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP02 XX 260 Series
5/9
0
5000
2500
7500
10000
12500
15000
110
1
2 3
5
50
10
20 30
ms
cycles at 50Hz
Duration
10
12
14
16
18
20
22
I2t
Fig. 3 Surge (non-repetitive) forward current vs time (with 0% V
RRM, Tcase = 150˚C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com