Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02/260-12 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MP02/260-12
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/260-12 Datasheet(HTML) 6 Page - Dynex Semiconductor

  MP02/260-12 Datasheet HTML 1Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 2Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 3Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 4Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 5Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 6Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 7Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 8Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP02 XX 260 Series
6/9
0
50
100
150
200
250
300
Mean forward current - (A)
400
350
300
250
200
150
100
50
0
d.c.
120˚ Rectangular
180˚ Sine
60˚ Rectangular
180˚ Rectangular
450
0
50
100
150
Forward current - (A)
120
0
20
40
60
80
100
140
250
200
d.c.
25
75
125
175
225
275
300
325
160
Fig. 4 On-state power loss per arm vs forward current at various conduction angles, 50/60Hz
Fig. 5 Maximum permissible case temperature vs forward current per arm at various conduction angles, 50/60Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com