Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EPC-2000
Description  Fanless, Cable-less and Modularized Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPC-2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EPC-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without notice.
Dimensions
EPC-2000 Series
164.00
190.00
180.00
Unit: mm
Dimensions
Model
(A)
120mm
140mm
EPC-2020
EPC-2030
» Fast ,Tool-free Installation CFast & HDD
Thumbscrew Design for Easy, Tool-free
Installation
Easily Remove Top Cover by Hand
2.5" Hard Disk Drive
CFast Card Installation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com