Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPC-2000
Description  Fanless, Cable-less and Modularized Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPC-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPC-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
All specifications are subject to change without notice.
Power Requirement
Power Input
DC 10 ~ 30V input (w/ 3-pin terminal block)
Power Consumption 60W (Max.)
Storage
Type
1 x 2.5" drive bay for SATA interface HDD/SSD
supporting 300MB/s HDD transfer rate
1 x CFast socket
Mechanical
Construction
Aluminum alloy
Mounting
Wall-mount/Din rail mounting
Weight
Max. 2.92 kg (6.42 lb)
Dimensions (W x D x H) EPC-2020: 164 x 192 x 120 mm (6.46
”
x 7.56” x 4.72”)
EPC-2030: 164 x 192 x 140 mm (6.46" x 7.56" x 5.51")
Ordering Information
EPC-2020
EPC-2000 with 1 x PCIe slot & 1 x PCI slot
EPC-2030
EPC-2000 with 2 x PCIe slot & 1 x PCI slot
EPC-2000 Series
Embedded Programmable Controller with Intel® Atom™ D525 Platform
• Fanless, Cable-less and Modularized Design
• Wide Range DC Power Input (10 ~ 30V)
• Rich Onboard I/O and Expansion Slots
(Max. 2 x PCIex1 Slots, 1 x PCI Slot)
• RS-485 Auto-flow Control Supported
• Easy Installation/Maintenance
• Intel® 2.5" SATAII SSD Compatible
System
CPU
Soldered onboard Intel® Atom™ D525 processor
Memory
Soldered onboard DDR3 2GB SDRAM
Chipset
Intel® ICH8M
Graphics
Integrated with Intel® GMA 3150
LAN Chipset
2 x Intel® 82574L PCIe controllers
Watchdog Timer 1~255 level reset
Peripherals and Devices
Serial Port
4 x COM ports with DB-9 male connectors (COM1,
COM2: RS-232, COM3, COM4: RS-232/422/485
selectable)
USB Port
4 x USB type A connectors for USB 2.0 ports
LAN
2 x RJ-45 Gigabit Ethernet ports
Video Port
1 x DB-15 female connector for Analog RGB
1 x DB-26 male connector for dual channel 24-bit
LVDS port
Audio
Mic-in/Line-out with Realtek ALC886 HD Audio CODEC
KB/MS
PS/2 interface Keyboard/ Mouse via Y-cable
Expansion Bus
Max. 2 x PCIex1 slots
1 x PCI slot
Environmental
Operating Temp. -20 ~ 60°C (-4 ~ 140ºF), ambient with air flow
Storage Temp.
-40 ~ 85°C (-40 ~ 185°F)
Relative Humidity 10 ~ 95% @ 40°C (non-condensing)
Vibration
3GRMS/5 to 500Hz/random operation, with SSD
Shock & Crash
Operating 20G (11ms), Non-operating 40G with HDD
Operating 40G (11ms), Non-operating 60G with CFast/
SSD
Crash 80G (11ms)
Qualification
Certification
CE, FCC
EPC-2020
EPC-2030
» Fanless, Cable-less Design


Similar Part No. - EPC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
Programmable Embedded Controller with Intel짰 Atom??D525 Platform
EPC-2030 ETC2-EPC-2030 Datasheet
645Kb / 3P
Programmable Embedded Controller with Intel짰 Atom??D525 Platform
EPC-2032 ETC2-EPC-2032 Datasheet
645Kb / 3P
Programmable Embedded Controller with Intel짰 Atom??D525 Platform
More results

Similar Description - EPC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
Rugged construction and slim modularized design
IPM-12 ETC2-IPM-12 Datasheet
710Kb / 2P
Rugged construction and slim modularized design
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
Rugged construction and slim modularized design
IPM-17 ETC2-IPM-17 Datasheet
328Kb / 2P
Rugged construction and slim modularized design
IPM-19 ETC2-IPM-19 Datasheet
313Kb / 2P
Rugged construction and slim modularized design
IPM-22W ETC2-IPM-22W Datasheet
284Kb / 2P
Rugged construction and slim modularized design
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
Rugged construction and modularized design
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM_16 Datasheet
400Kb / 2P
Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
Fanless and cableless design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com