Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715MR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST715MR
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715MR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST715MR Datasheet HTML 4Page - STMicroelectronics ST715MR Datasheet HTML 5Page - STMicroelectronics ST715MR Datasheet HTML 6Page - STMicroelectronics ST715MR Datasheet HTML 7Page - STMicroelectronics ST715MR Datasheet HTML 8Page - STMicroelectronics ST715MR Datasheet HTML 9Page - STMicroelectronics ST715MR Datasheet HTML 10Page - STMicroelectronics ST715MR Datasheet HTML 11Page - STMicroelectronics ST715MR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Output voltage selection for adjustable version
ST715
8/24
DocID14414 Rev 9
5
Output voltage selection for adjustable version
The ST715 features an adjustable output voltage due to two external resistors connected as
a voltage divider to the FB pin as shown in Figure 4. The output voltage is set by the
following equation:
Equation 1
VOUT = VFB (1 + R1/R2)
where typically VFB = 1.2 V. Choose R2 ≥ 5 kΩ to optimize the quiescent current, accuracy,
and high-frequency power supply rejection. The resistor selection is given by the following
equation:
Equation 2
R1 = R2 x (VOUT/VFB - 1)
5.1
External capacitor requirements
A 0.1 µF or a larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended. In this manner, the transient response and noise
rejection of the power supply, as a whole, improve. A higher value of the input capacitor may
be necessary if large, fast-rise-time load transients are present in the application and if the
device is several inches far from the power source.
The ST715 requires an output capacitor connected between OUT and GND to stabilize the
internal control loop. Any capacitor, (including ceramic and tantalum) with a value higher
than 0.47 µF, stabilizes this loop.
5.2
Power dissipation and junction temperature
For a reliable operation, junction temperature should not exceed 125 °C. This limits the
power dissipation the regulator can handle in any application. To guarantee that the junction
temperature is within acceptable limits, calculate the maximum allowable dissipation,
PD(max), and the dissipation, PD, which must be less than or equal to PD(max).
The maximum power dissipation limit is given by the following equation:
Equation 3
PD(max) = (TJMAX - TA) / RthJA
where:
TJMAX is the maximum allowable junction temperature
RthJA is the thermal resistance junction-to-ambient for the package
TA is the ambient temperature
The regulator dissipation is calculated by the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com