Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715MR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST715MR
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715MR Datasheet(HTML) 1 Page - STMicroelectronics

  ST715MR Datasheet HTML 1Page - STMicroelectronics ST715MR Datasheet HTML 2Page - STMicroelectronics ST715MR Datasheet HTML 3Page - STMicroelectronics ST715MR Datasheet HTML 4Page - STMicroelectronics ST715MR Datasheet HTML 5Page - STMicroelectronics ST715MR Datasheet HTML 6Page - STMicroelectronics ST715MR Datasheet HTML 7Page - STMicroelectronics ST715MR Datasheet HTML 8Page - STMicroelectronics ST715MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
May 2014
DocID14414 Rev 9
1/24
ST715
High input voltage, 85 mA LDO linear regulator
Datasheet
- production data
Features
• 2.5 V to 24 V input voltage
• Low-dropout voltage (500 mV typ. at 85 mA)
• Very low quiescent current (3.8 µA typ. at full
load)
• 85 mA guaranteed output current
• Output voltages available on request: from
1.2 V to 5.0 V with 100 mV step and adjustable
• Compatible with ceramic output capacitors
from 0.47 µF to 10 µF
• Internal current limit
• Packages: SOT23-5L, SOT323-5L and DFN8
(3x3 mm)
• Temperature range: from -40 °C to 125 °C
Applications
• Mobile phones
• Personal digital assistant (PDAs)
• Cordless phones and similar battery-powered
systems
Description
The ST715 is a high voltage, ultra low quiescent
current and low drop linear regulator capable of
providing an output current in excess of 85 mA.
The device operates over an input voltage range
from 2.5 V to 24 V, and it is stable with output
ceramic capacitors. Fault condition protection
includes short-circuit current limitation. The ultra
low quiescent current of 3.8 µA at full load makes
it highly suitable for low power applications and
battery-powered systems. The wide input voltage
range makes the ST715 an ideal solution for low
power industrial applications. The ST715 is
available in SOT23-5, SOT323-5L or DFN8 (3x3
mm) 8 leads.
SOT23-5L
DFN8 (3x3 mm)
SOT323-5L
Table 1. Device summary
Order codes
Output voltage
SOT23-5L
Marking
SOT323-5L
Marking
DFN8 (3x3 mm)
Marking
ST715MR
71AD
ST715PUR
715AD
ADJ
ST715M25R
7125
ST715PU25R
71525
2.5 V
ST715M33R
7133
ST715C33R
733
ST715PU33R
71533
3.3 V
www.st.com


Similar Part No. - ST715MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST715MR STMICROELECTRONICS-ST715MR Datasheet
382Kb / 19P
High input voltage - 85 mA LDO linear regulator
24-Jun-2010
ST715MR STMICROELECTRONICS-ST715MR Datasheet
604Kb / 24P
High input voltage, 85 mA LDO linear regulator
12-Oct-2020
More results

Similar Description - ST715MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
High input voltage - 85 mA LDO linear regulator
24-Jun-2010
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
STMicroelectronics
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
High input voltage, 85 mA LDO linear regulator
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com