Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK715 Datasheet (PDF) - STMicroelectronics

LDK715 Datasheet PDF - STMicroelectronics
Part # LDK715
Download  LDK715 Download
File Size   542.98 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High input voltage 85 mA LDO linear regulator

LDK715 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDK715 Datasheet PDF - STMicroelectronics

Part # LDK715
Download  LDK715 Click to download

File Size   542.98 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High input voltage 85 mA LDO linear regulator

LDK715 Datasheet (HTML) - STMicroelectronics


LDK715 Product details

Description
The LDK715 is a high voltage, ultra low quiescent current and low drop linear regulator capable of providing an output current in excess of 85 mA. The device operates over an input voltage range from 4.3 V to 24 V, and it is stable with output ceramic capacitors. Fault condition protection includes short-circuit current limitation. The ultra low quiescent current of 5 µA at full load makes it highly suitable for low power applications and battery-powered systems. The wide input voltage range makes the LDK715 an ideal solution for low power industrial applications. The LDK715 is available in SOT23-5, or DFN8 (3x3 mm) 8 leads. ')1 LM158[LM158PP 627LM158/

Features
■ 4.3 V to 24 V input voltage
■ Low-dropout voltage (500 mV typ. at 85 mA)
■ Very low quiescent current (5 µA typ. at full load)
■ 85 mA guaranteed output current
■ Output voltages 3.3V, 4.2V and 5.0V (other versions available on request)
■ Compatible with ceramic output capacitors from 0.47 µF to 10 µF
■ Internal current limit

Applications
■ Mobile phones
■ Industrial
■ battery-powered systems




Similar Part No. - LDK715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results


Similar Description - LDK715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
High input voltage - 85 mA LDO linear regulator
24-Jun-2010
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
High input voltage, 85 mA LDO linear regulator
21-May-2014
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
High input voltage, 85 mA LDO linear regulator
12-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com