Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK715 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDK715
Description  High input voltage 85 mA LDO linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK715 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDK715 Datasheet HTML 2Page - STMicroelectronics LDK715 Datasheet HTML 3Page - STMicroelectronics LDK715 Datasheet HTML 4Page - STMicroelectronics LDK715 Datasheet HTML 5Page - STMicroelectronics LDK715 Datasheet HTML 6Page - STMicroelectronics LDK715 Datasheet HTML 7Page - STMicroelectronics LDK715 Datasheet HTML 8Page - STMicroelectronics LDK715 Datasheet HTML 9Page - STMicroelectronics LDK715 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
LDK715
6/18
DocID026678 Rev 1
4
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = 0.1 µF, COUT = 1 µF, IOUT = 1 mA, unless
otherwise specified.(1)
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
IOUT = 85mA, TJ = -40°C to 125°C
4.3
24
V
IOUT
Output current
VIN = VOUT(NOM)+1 to 24V, TJ = -40°C to
125°C
085
mA
VOUT
VOUT accuracy
(1)
TJ = 25°C
-1
+1
%
VIN = VOUT(NOM)+1 to 24V, TJ = - 40°C to
125°C
-2
+2
VOUT
Line regulation
VIN = VOUT(NOM)+1 to 24V to 24V,
IOUT=1mA,TJ= -40°C to 125°C
0.001
0.004
%/V
VOUT
Load regulation
IOUT = 100µA to 85mA,
TJ = -40°C to 125°C
0.002
0.003
%/mA
VDROP
Drop output voltage (2)
IOUT = 85mA, TJ = -40°C to 125°C
500
1000
mV
eN
Output noise voltage (3)
200 Hz to 100kHz, IOUT = 50mA,
COUT = 10µF, TJ=-40°C to 125°C
210
µVRMS
SVR
Supply voltage rejection
VIN = VOUT(NOM) +1V+/-
VRIPPLE, VRIPPLE = 0.2V,
IOUT = 1mA, COUT = 10µF
f =1kHz
38
dB
TJ = -40°C to 125°C
f =100kHz
57
IQ
Quiescent current
IOUT = 0mA to 85mA,
TJ = -40°C to 125°C
57
µA
VIN= 24V
8.5
ISC
Short circuit current
VOUT = 0, TJ = -40°C to 125°C
VIN = VOUT(NOM)+1 to 24V
120
mA
TON
Turn on time (4)
VIN = VOUT(NOM)+1 to 24V, COUT = 10µF,
IOUT = 60mA, TJ = -40°C to 125°C
0.7
ms
COUT
Output capacitor
Capacitance f = 100kHz
0.47
µF
1.
For VOUT(NOM) < 3.3V, VIN = 4.3V.
2.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
3.
Guaranteed by design.
4.
Turn-on time is time measured between the input just exceeding 90 % of its final value and the output voltage just reaching
95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com