Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK715 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDK715
Description  High input voltage 85 mA LDO linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK715 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDK715 Datasheet HTML 5Page - STMicroelectronics LDK715 Datasheet HTML 6Page - STMicroelectronics LDK715 Datasheet HTML 7Page - STMicroelectronics LDK715 Datasheet HTML 8Page - STMicroelectronics LDK715 Datasheet HTML 9Page - STMicroelectronics LDK715 Datasheet HTML 10Page - STMicroelectronics LDK715 Datasheet HTML 11Page - STMicroelectronics LDK715 Datasheet HTML 12Page - STMicroelectronics LDK715 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID026678 Rev 1
9/18
LDK715
Typical performance characteristics
18
6
Typical performance characteristics
Figure 4. Output voltage vs. temperature
Figure 5. Output voltage vs. input voltage
Figure 6. Dropout voltage vs. output current
Figure 7. COUT stability region
Figure 8. Supply voltage rejection vs. frequency
Figure 9. Output noise voltage vs. frequency
V
IN=VOUT(NOM)+1V
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=85mA
V
IN=VOUT(NOM)+1V
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=85mA
V
IN=VOUT(NOM)+1V
0
0.5
1
1.5
2
2.5
3
3.5
01
234
5
6
V
IN [V]
V
IN=VOUT(NOM)+1V
0
0.5
1
1.5
2
2.5
3
3.5
01
234
5
6
V
IN [V]
GIPG240420141208RV
GIPG240420141406RV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com