Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK715 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDK715
Description  High input voltage 85 mA LDO linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK715 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDK715 Datasheet HTML 3Page - STMicroelectronics LDK715 Datasheet HTML 4Page - STMicroelectronics LDK715 Datasheet HTML 5Page - STMicroelectronics LDK715 Datasheet HTML 6Page - STMicroelectronics LDK715 Datasheet HTML 7Page - STMicroelectronics LDK715 Datasheet HTML 8Page - STMicroelectronics LDK715 Datasheet HTML 9Page - STMicroelectronics LDK715 Datasheet HTML 10Page - STMicroelectronics LDK715 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026678 Rev 1
7/18
LDK715
Electrical characteristics
18
4.1
External capacitor requirements
A 0.1 µF or a larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended. In this manner, the transient response and noise
rejection of the power supply, as a whole, improve. A higher value of the input capacitor may
be necessary if large, fast-rise-time load transients are present in the application and if the
device is several inches far from the power source.
The LDK715 requires an output capacitor connected between OUT and GND to stabilize the
internal control loop. Please refer to Figure 7. for the allowable output capacitance and ESR
combinations.
4.2
Power dissipation and junction temperature
For a reliable operation, junction temperature should not exceed 125 °C. This limits the
power dissipation the regulator can handle in any application. To guarantee that the junction
temperature is within acceptable limits, calculate the maximum allowable dissipation,
PD(max), and the dissipation, PD, which must be less than or equal to PD(max).
The maximum power dissipation limit is given by the following equation:
Equation 1
where:
TJMAX is the maximum allowable junction temperature
RthJA is the thermal resistance junction-to-ambient for the package
TA is the ambient temperature
The regulator dissipation is calculated by the following equation:
Equation 2
Power dissipation coming from quiescent current is negligible.
The ST715 features the internal current limit. During normal operation, it limits the output
current to approximately 350 mA. When the current limit engages, the output voltage scales
back linearly until the overcurrent condition ends. Do not exceed the power dissipation
ratings of the package.
P
Dmax
()
T
JMAX
T
A
() R
thJA
=
P
D
V
IN
V
out
() I
out
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com