Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP512MCSD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP512MCSD
Description  microSD Card
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP512MCSD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP512MCSD Datasheet HTML 2Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 3Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 4Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 5Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 6Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 7Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 8Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 9Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
microSD Card
APXXXXMCSD/APXXXXMCSHX
© 2010 Apacer Technology, Inc.
Rev .1.5
6
2.0 ELECTRICAL SPECIFICATION
Absolute Maximum Ratings (Permanent device damage may occur if absolute maximum ratings are
exceeded. Functional operation should be restricted to the conditions as detailed in the optional sections
of this datasheet. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.)
Operating Conditions
SYMBOL PARMETER
RATING
UNITS
VCC
Power supply voltage
2.7 ~ 3.6
V
VSS
Supply voltage ground
0
V
TSTG
Storage temperature
-40
~
85
OC
TOP
Operation temperature
-25
~
85
OC
3.0 ENVIRONMENTAL SPECIFICATION
Item
Specification
Temperature
Operation: -25
~ 85
℃
℃
Storage: -40
~ 85
℃
℃
Junction temperature : max. 90
for 5 minutes
℃
Bending
10N
Torque
+/- 2.5 degree
Drop test
1.5m free fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com