Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP512MCSD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP512MCSD
Description  microSD Card
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP512MCSD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP512MCSD Datasheet HTML 3Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 4Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 5Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 6Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 7Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 8Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 9Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 10Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
microSD Card
APXXXXMCSD/APXXXXMCSHX
© 2010 Apacer Technology, Inc.
Rev .1.5
7
4.0 PHYSICAL DIMENSIONS
PHYSICAL MECHANICAL OUTLINE:
Dimensions Card
Package
11mmx15mm
Min. 10.9mmx14.9mm
Max.11.1mmx15.1mm
Thickness
1.0mm +/- 0.1mm
Surface
Plain (except contact area)
Edges
Smooth edges
Inverse insertion
Protection on right corner (top view)
Figure 1: Mechanical Description: Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com