Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF016GA5GS-RM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-CF016GA5GS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GA5GS-RM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GA5GS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
9
© 2009 Apacer Technology Inc.
Rev. 1.1
6. Software Interface
6.1 CF-ATA Command Set
Table 6-1 summarizes the CF-ATA command set with the paragraphs that follow describing the individual
commands and the task file for each.
Table 6-1: CFC-ATA command set (1/2)
Command
Code
Command Protocol
CFA Erase-Sector(s)
C0H
Non-data
CFA Request Extended Error Code
03H
Non-data
CFA Translate-Sector
87H
PIO data-in
CFA Write-Multiple-Without-Erase
CDH
PIO data-out
CFA Write-Sector(s)-Without-Erase
38H
PIO data-out
Check-Power-Mode
E5H or 98H
Non-data
Download Microcode
92H
PIO data-out
Execute-Drive-Diagnostic
90H
Device Diagnostic
Flush-Cache
E7H
Non-data
Format-Track
50H
PIO data-out
Identify-Drive
ECH
PIO data-in
Idle
E3H or 97H
Non-data
Idle-Immediate
E1H or 95H
Non-data
Initialize-Drive-Parameters
91H
Non-data
NOP
00H
Non-data
Read-Buffer
E4H
PIO data-in
Read DMA
C8H or C9H
DMA
Read Long
22h or 23h
PIO data-in
Read-Multiple
C4H
PIO data-in
Read-Sector(s)
20H or 21H
PIO data-in
Read-Verify-Sector(s)
40H or 41H
Non-data
Recalibrate
1XH
Non-data
Security Disable Password
F6H
PIO data-out
Security Erase Prepare
F3H
Non-data
Security Erase Unit
F4H
PIO data-out
Security Freeze Lock
F5H
Non-data
Security Set Password
F1H
PIO data-out
Security Unlock
F2H
PIO data-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com