Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-CF016GA5GS-RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-CF016GA5GS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GA5GS-RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-CF016GA5GS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
3
© 2009 Apacer Technology Inc.
Rev. 1.1
1. General Description
Apacer’s Compact Flash 4 offers the most reliable and high performance storage which is compatible with
CF Type I and Type II devise. Unlike the others, Apacer Compact Flash 4 provides solid traceability to
ensure all products HW/SW are the same as you qualified.
Apacer’s Compact Flash 4 complies with the interfaces, such as the commands, timings, and protocols
based on the Compact Flash Specification (CFA standard), and operates as the PC Card ATA interface
providing complete PCMCIA - ATA functionality and compatibility. Apacer ‘s Compact Flash 4 is designed
for use in Point of Sale (POS) terminals, telecom, IP-STB, medical instruments, surveillance systems,
industrial PCs and handheld applications.
1.1 Performance-Optimized Controller
Compact Flash 4 Controller translates standard CF signals into flash media data and control signals.
1.1.1 FIFO Buffer
Compact Flash 4 Controller performs as an FIFO buffer to optimize the host’s data transfer to and from
the flash media for reliable storage via performing data correction and moving data to another block in
case of the correctable error.
1.1.2 Error Correction Code (ECC)
Compact Flash 4 adopts Error Detection Code (EDC) and Error Correction Code (ECC) algorithms which
correct up to 8/15 random single-bit errors for each 512-byte block of data.
High performance is achieved through hardware-based error detection and correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com