Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-AT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-AT
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-AT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-AT Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-AXXX
9
© 2012 Apacer Technology Inc.
Rev. 1.1
5. Flash Management
5.1 Error Correction/Detection
SDM4 implements a hardware ECC scheme, based on the BCH algorithm. It can detect and correct up to
16 bits or 24 bits error in 1K bytes.
5.2 Bad Block Management
Although bad blocks on the flash media are already identified by the flash manufacturer, they can also be
accumulated over time during operation. SDM4’s controller maintains a table that lists those normal
blocks with disk data, the free blocks for wear leveling, and bad blocks with errors. When a normal block
is detected broken, it is replaced with a free block and listed as a bad block. When a free block is
detected broken, it is then removed from the free block list and marked as a bad block.
During device operation, this ensures that newly accumulated bad blocks are transparent to the host. The
device will stop file write service once there are only two free blocks left such that the read function is still
available for copying the files from the disk into another.
5.3 Wear Leveling
The NAND flash devices are limited by a certain number of write cycles. When using a FAT-based file
system, frequent FAT table updates are required. If some area on the flash wears out faster than others, it
would significantly reduce the lifetime of the whole SSD, even if the erase counts of others are far from
the write cycle limit. Thus, if the write cycles can be distributed evenly across the media, the lifetime of the
media can be prolonged significantly. This scheme is called wear leveling.
Apacer’s wear-leveling scheme is achieved both via buffer management and Apacer-specific static wear
leveling. They both ensure that the lifetime of the flash media can be increased, and the disk access
performance is optimized as well.
5.4 Power Failure Management
The Low Power Detection on the controller initiates crucial data saving before the power supplied to the
device is too low. This feature prevents the device from crash and ensures data integrity during an
unexpected power-off.
5.5 ATA Secure Erase
Accomplished by the Secure Erase (SE) command, which added to the open ANSI standards that control
disk drives, “ATA Secure Erase” is built into the disk drive itself and thus far less susceptible to malicious
software attacks than external software utilities. It is a positive easy-to-use data destroy command,
amounting to electronic data shredding. Executing the command causes a drive to internally completely
erase all possible user data. This command is carried out within disk drives, so no additional software is
required. Once executed, neither data nor the erase counter on the device would be recoverable, which
blurs the accuracy of device lifespan. The process to erase will not be stopped until finished while
encountering power failure, and will be continued when power is back on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com