Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-AT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-AT
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-AT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM004GD5AN-AT Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-AXXX
1
© 2012 Apacer Technology Inc.
Rev. 1.1
Features:
Standard Serial ATA 2.6 (Gen. 2)
–
Serial ATA 2.6 (Gen. 2)
–
SATA II, 3.0 Gbps
–
ATA-compatible command set
Capacities
–
1, 2, 4, 8, 16 GB
Performance*
–
Burst read/write: 300 MB/sec
–
Sustained read: up to 43 MB/sec
–
Sustained write: up to 42 MB/sec
Intelligent endurance design
–
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
–
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
–
Flash bad-block management
–
S.M.A.R.T.
–
Power Failure Management
–
ATA Secure Erase
–
TRIM
NAND Flash Type: SLC
MTBF: >2,000,000
Zero power data retention
–
No battery required for data storage
Temperature ranges
–
Operation:
Standard: 0°C to 70°C
Extended: -40 ~ +85°C
–
Storage: -40°C to 100°C
Supply voltage
–
5.0 V ± 5%
Power consumption (typical)*
–
Active mode: 190 mA@5.0 V
–
Idle mode: 85 mA@5.0 V
Connector type
–
7-pin signal connector
–
Option : additional 2-pin power connector
Form factor
–
SATA Disk Module
–
Option: with/without housing enclosure
–
Dimension w/housing: 32.50x23.13x8.53**,
unit: mm
–
Dimension w/o housing:
30.00x20.00x1.00**, unit: mm
Shock & Vibration
–
Shock: 50g (approx.)
–
Vibration: 15g (approx.)
RoHS compliant
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending on
flash configurations or platform settings. The term idle refers to the standby state of the device.
**Without including the size of the SATA connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com