Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SDM512MBPANS-HT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-SDM512MBPANS-HT
Description  SATA-Disk Module?
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM512MBPANS-HT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-SDM512MBPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SATA-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-SDMxxxxXPANS-HTX
10
© 2011 Apacer Technology Inc.
Rev. 1.2
4. Environmental Specifications
4.1
Environments
The SDM environmental specifications follow the US Military Standard MIL-STD-810F, as shown in Table 4-1.
Table 4-1 SDM environmental specifications (plan)
Environment
Specification
0°C to 70°C (Operating)
Temperature
-40°C to 100°C (Non-operating)
Humidity
5% to 95% RH (Non-condensing)
Vibration
Sine wave: 5~55~5 Hz (X, Y, Z)
Random: 10-2000 Hz, 16.3 G (X, Y, Z)
Shock
Acceleration: 1,500 G, 0.5 ms
Peak acceleration: 50 G, 11 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com