Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SDM512MBPANS-HT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-SDM512MBPANS-HT
Description  SATA-Disk Module?
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM512MBPANS-HT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-SDM512MBPANS-HT Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SATA-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-SDMxxxxXPANS-HTX
1
© 2011 Apacer Technology Inc.
Rev. 1.2
Features:
Standard Serial ATA 2.6 (Gen. 2)
–
Serial ATA 2.6 (Gen. 2)
–
SATAⅡ, 3.0 Gbps
–
ATA-compatible command set
Capacities
–
512 MB
1, 2, 4 GB
Performance
–
Burst read/write: 300 MB/sec
–
Sustained read: up to 27 MB/sec
–
Sustained write: up to 23 MB/sec
Intelligent endurance design
–
Built-in hardware BCH ECC, correcting
8-bit or 15-bit error per 512-byte data
sector
–
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
–
Flash bad-block management
–
S.M.A.R.T.
NAND Flash Type: SLC
Data integrity under power-cycling
–
No battery required for data storage
Temperature
–
0°C to 70°C for operating
–
-40°C to 100°C for storage
Supply voltage
–
3.3 V /5 V
Low power consumption
–
Active mode: 230 mA* /165 mA (3.3 V /5 V)
–
Idle mode: 165 mA* /112 mA (3.3 V /5 V)
Connector
–
7-pin SATA female connector
–
2-pin SATA power connector
RoHS compliant
*Based on 2 GB model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com