Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-ACMC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-ACMC
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-ACMC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-ACMC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
11
© 2012 Apacer Technology Inc.
Rev. 1.1
6. Software Interface
6.1 Command Set
This section defines the software requirements and the format of the commands the host sends to SDM4-
M. Commands are issued to SDM4-M by loading the required registers in the command block with the
supplied parameters, and then writing the command code to the Command register.
Table 6-1: Command set
Code
Command
Code
Command
E5h
Check Power Mode
F3h
Security Erase Prepare
06h
Data Set Management
F4h
Security Erase Unit
90h
Execute Device Diagnostic
F5h
Security Freeze Lock
E7h
Flush Cache
F1h
Security Set Password
EAh
Flush Cache EXT
F2h
Security Unlock
ECh
Identify Device
70h
Seek
E3h
Idle
EFh
Set Features
E1h
Idle Immediate
C6h
Set Multiple Mode
91h
Initialize Device Parameters
E6h
Sleep
C8h
Read DMA
B0h
SMART
25h
Read DMA EXT
E2h
Standby
C4h
Read Multiple
E0h
Standby Immediate
29h
Read Multiple EXT
CAh
Write DMA
20h
Read Sector
35h
Write DMA EXT
24h
Read Sector EXT
C5h
Write Multiple
40h
Read Verify Sectors
39h
Write Multiple EXT
42h
Read Verify Sectors EXT
30h
Write Sector
10h
Recalibrate
34h
Write Sector EXT
F6h
Security Disable Password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com