Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSDM004GD5AN-ACMC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-ACMC
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-ACMC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-ACMC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-ACMC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
7
© 2012 Apacer Technology Inc.
Rev. 1.1
4. Capacity Specification
Capacity specification of SDM4-M product family is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
32 GB
32,017,047,552
16,383
16
63
62,533,296
*Display of total bytes varies from file systems.
4.1 Performance Specification
4.1.1 ATA Mode Support
SDM4-M supports the following ATA operating modes:
Supports up to PIO Mode-4
Supports up to Multi-word DMA Mode-2
Supports up to Ultra DMA Mode-5
4.1.2 Performance
Performances of SDM4-M are listed below in table 4-2.
Table 4-2: Performance (Typical)
Capacity
Performance
4 GB
8 GB
16 GB
32 GB
Sustained read (MB/s)
34
38
40
43
Sustained write (MB/s)
6
11
19
21
Note: Results may differ from various flash configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com