Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP10 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 3KP10
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP10 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  3KP10 Datasheet HTML 1Page - Pan Jit International Inc. 3KP10 Datasheet HTML 2Page - Pan Jit International Inc. 3KP10 Datasheet HTML 3Page - Pan Jit International Inc. 3KP10 Datasheet HTML 4Page - Pan Jit International Inc. 3KP10 Datasheet HTML 5Page - Pan Jit International Inc. 3KP10 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
November 21,2012-REV.05
3KP SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test Current
Reverse Leakage
Max.
Clamp
Voltage
10/1000
μs
Peak
Pulse
Current
10/1000
μs
Marking Code
V RWM(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UN I
BI
V
V
V
mA
μA
μA
V
A
UNI
BI
3000W Transient Voltage Suppressor
3KP5.0
3KP5.0C
5
6.4
7.55
10
1000
2000
9.6
312.5
3KP5.0
3KP5.0C
3KP5.0A
3KP5.0CA
5
6.4
7.25
10
1000
2000
9.2
326
3KP5.0A
3KP5.0CA
3KP6.0
3KP6.0C
6
6.67
8.45
10
1000
2000
11.4
263.2
3KP6.0
3KP6.0C
3KP6.0A
3KP6.0CA
6
6.67
7.67
10
1000
2000
10.3
291.3
3KP6.0A
3KP6.0CA
3KP6.5
3KP6.5C
6.5
7.22
9.14
10
500
1000
12.3
243.9
3KP6.5
3KP6.5C
3KP6.5A
3KP6.5CA
6.5
7.22
8.3
10
500
1000
11.2
267.9
3KP6.5A
3KP6.5CA
3KP7.0
3KP7.0C
7
7.78
9.86
10
200
400
13.3
225.6
3KP7.0
3KP7.0C
3KP7.0A
3KP7.0CA
7
7.78
8.95
10
200
400
12
250
3KP7.0A
3KP7.0CA
3KP7.5
3KP7.5C
7.5
8.33
10.67
1
100
200
14.3
209.8
3KP7.5
3KP7.5C
3KP7.5A
3KP7.5CA
7.5
8.33
9.58
1
100
200
12.9
232.6
3KP7.5A
3KP7.5CA
3KP8.0
3KP8.0C
8
8.89
11.3
1
50
100
15
220
3KP8.0
3KP8.0C
3KP8.0A
3KP8.0CA
8
8.89
10.23
1
50
100
13.6
220.6
3KP8.0A
3KP8.0CA
3KP8.5
3KP8.5C
8.5
9.44
11.92
1
25
50
15.9
188.8
3KP8.5
3KP8.5C
3KP8.5A
3KP8.5CA
8.5
9.44
10.82
1
25
50
14.4
208.4
3KP8.5A
3KP8.5CA
3KP9.0
3KP9.0C
9
10
12.6
1
10
20
16.9
177.4
3KP9.0
3KP9.0C
3KP9.0A
3KP9.0CA
9
10
11.5
1
10
20
15.4
194.8
3KP9.0A
3KP9.0CA
3KP10
3KP10C
10
11.1
14.1
1
3
3
18.8
159.6
3KP10
3KP10C
3KP10A
3KP10CA
10
11.1
12.8
1
3
3
17
176.4
3KP10A
3KP10CA
3KP11
3KP11C
11
12.2
15.4
1
3
3
20.1
149.2
3KP11
3KP11C
3KP11A
3KP11CA
11
12.2
14
1
3
3
18.2
184.8
3KP11A
3KP11CA
3KP12
3KP12C
12
13.3
16.9
1
3
3
22
136.4
3KP12
3KP12C
3KP12A
3KP12CA
12
13.3
15.3
1
3
3
19.9
150.6
3KP12A
3KP12CA
3KP13
3KP13C
13
14.4
18.2
1
3
3
23.8
126
3KP13
3KP13C
3KP13A
3KP13CA
13
14.4
16.5
1
3
3
21.5
139.4
3KP13A
3KP13CA
3KP14
3KP14C
14
15.6
19.8
1
3
3
25.8
116.2
3KP14
3KP14C
3KP14A
3KP14CA
14
15.6
17.9
1
3
3
23.2
129.4
3KP14A
3KP14CA
3KP15
3KP15C
15
16.7
21.1
1
3
3
26.9
111.6
3KP15
3KP15C
3KP15A
3KP15CA
15
16.7
19.2
1
3
3
24.4
123
3KP15A
3KP15CA
3KP16
3KP16C
16
17.8
22.6
1
3
3
28.8
104.2
3KP16
3KP16C
3KP16A
3KP16CA
16
17.8
20.5
1
3
3
26
115.4
3KP16A
3KP16CA
3KPJ17
3KPJ17C
17
18.9
23.9
1
3
3
30.5
98.4
3KPJ17
3KPJ17C
3KP17A
3KP17CA
17
18.9
21.7
1
3
3
27.6
106.6
3KP17A
3KP17CA
3KP18
3KP18C
18
20
25.3
1
3
3
32.2
93.2
3KP18
3KP18C
3KP18A
3KP18CA
18
20
23.3
1
3
3
29.2
102.8
3KP18A
3KP18CA
3KP20
3KP20C
20
22.2
28.1
1
3
3
35.8
83.8
3KP20
3KP20C
3KP20A
3KP20CA
20
22.2
25.5
1
3
3
32.4
92.6
3KP20A
3KP20CA
3KP22
3KP22C
22
24.4
30.9
1
3
3
39.4
76.2
3KP22
3KP22C
3KP22A
3KP22CA
22
24.4
28
1
3
3
35.5
84.4
3KP22A
3KP22CA
3KP24
3KP24C
24
26.7
33.8
1
3
3
43
69.8
3KP24
3KP24C
3KP24A
3KP24CA
24
26.7
30.7
1
3
3
38.9
77.2
3KP24A
3KP24CA
3KP26
3KP26C
26
28.9
36.6
1
3
3
46.6
64.4
3KP26
3KP26C
3KP26A
3KP26CA
26
28.9
33.2
1
3
3
42.1
71.2
3KP26A
3KP26CA
3KP28
3KP28C
28
31.1
39.4
1
3
3
50
60
3KP28
3KP28C
3KP28A
3KP28CA
28
31.1
35.8
1
3
3
45.4
66
3KP28A
3KP28CA
3KP30
3KP30C
30
33.3
42.2
1
3
3
53.5
56
3KP30
3KP30C
3KP30A
3KP30CA
30
33.3
38.3
1
3
3
48.4
62
3KP30A
3KP30CA
3KP33
3KP33C
33
36.7
46.5
1
3
3
59
50.4
3KP33
3KP33C
3KP33A
3KP33CA
33
36.7
42.2
1
3
3
53.3
56.2
3KP33A
3KP33CA
3KP36
3KP36C
36
40
50.7
1
3
3
64.3
46.6
3KP36
3KP36C
3KP36A
3KP36CA
36
40
46
1
3
3
58.1
51.6
3KP36A
3KP36CA
3KP40
3KP40C
40
44.4
56.3
1
3
3
71.4
42
3KP40
3KP40C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com