Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP10 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 3KP10
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP10 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  3KP10 Datasheet HTML 1Page - Pan Jit International Inc. 3KP10 Datasheet HTML 2Page - Pan Jit International Inc. 3KP10 Datasheet HTML 3Page - Pan Jit International Inc. 3KP10 Datasheet HTML 4Page - Pan Jit International Inc. 3KP10 Datasheet HTML 5Page - Pan Jit International Inc. 3KP10 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 21,2012-REV.05
3KP SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test Current
Reverse Leakage
Max.
Clamp
Voltage
10/1000
μs
Peak
Pulse
Current
10/1000
μs
Marking Code
V RWM(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
μA
μA
V
A
UNI
BI
3000W Transient Voltage Suppressor
3KP40A
3KP40CA
40
44.4
51.1
1
3
3
64.5
46.4
3KP40A
3KP40CA
3KP43
3KP43C
43.00
47.8
60.5
1
3
3
76.7
39.2
3KP43
3KP43C
3KP43A
3KP43CA
43
47.8
54.9
1
3
3
69.4
43.2
3KP43A
3KP43CA
3KP45
3KP45C
45
50
63.3
1
3
3
80.3
37.4
3KP45
3KP45C
3KP45A
3KP45CA
45
50
57.5
1
3
3
72.7
41.2
3KP45A
3KP45CA
3KP48
3KP48C
48
53.3
67.5
1
3
3
85.5
35
3KP48
3KP48C
3KP48A
3KP48CA
48
53.3
61.3
1
3
3
77.4
38.8
3KP48A
3KP48CA
3KP51
3KP51C
51
56.7
71.8
1
3
3
91.1
37
3KP51
3KP51C
3KP51A
3KP51CA
51
56.7
65.2
1
3
3
82.4
36.4
3KP51A
3KP51CA
3KP54
3KP54C
54
60
76
1
3
3
96.3
31.2
3KP54
3KP54C
3KP54A
3KP54CA
54
60
69
1
3
3
87.1
34.4
3KP54A
3KP54CA
3KP58
3KP58C
58
64.4
81.6
1
3
3
103
29.2
3KP58
3KP58C
3KP58A
3KP58CA
58
64.4
74.1
1
3
3
93.6
32
3KP58A
3KP58CA
3KP60
3KP60C
60
66.7
84.5
1
3
3
107
28
3KP60
3KP60C
3KP60A
3KP60CA
60
66.7
76.7
1
3
3
96.8
31
3KP60A
3KP60CA
3KP64
3KP64C
64
71.1
90.1
1
3
3
114
26.4
3KP64
3KP64C
3KP64A
3KP64CA
64
71.1
81.8
1
3
3
103
29.2
3KP64A
3KP64CA
3KP70
3KP70C
70
77.8
98.6
1
3
3
125
24
3KP70
3KP70C
3KP70A
3KP70CA
70
77.8
89.5
1
3
3
113
26.6
3KP70A
3KP70CA
3KP75
3KP75C
75
83.3
105.7
1
3
3
134
22.4
3KP75
3KP75C
3KP75A
3KP75CA
75
83.3
95.8
1
3
3
121
24.8
3KP75A
3KP75CA
3KP78
3KP78C
78
86.7
109.8
1
3
3
139
21.6
3KP78
3KP78C
3KP78A
3KP78CA
78
86.7
99.7
1
3
3
126
22.8
3KP78A
3KP78CA
3KP85
3KP85C
85
94.4
119.2
1
3
3
151
19.8
3KP85
3KP85C
3KP85A
3KP85CA
85
94.4
108.2
1
3
3
137
20.8
3KP85A
3KP85CA
3KP90
3KP90C
90
100
126.5
1
3
3
160
18.8
3KP90
3KP90C
3KP90A
3KP90CA
90
100
115.5
1
3
3
146
20.6
3KP90A
3KP90CA
3KP100
3KP100C
100
111
141
1
3
3
179
16.6
3KP100
3KP100C
3KP100A
3KP100CA
100
111
128
1
3
3
162
18.6
3KP100A
3KP100CA
3KP110
3KP110C
110
122
154.5
1
3
3
196
15.4
3KP110
3KP110C
3KP110A
3KP110CA
110
122
140.5
1
3
3
177
16.8
3KP110A
3KP110CA
3KP120
3KP120C
120
133
169
1
3
3
214
14
3KP120
3KP120C
3KP120A
3KP120CA
120
133
153
1
3
3
193
15.6
3KP120A
3KP120CA
3KP130
3KP130C
130
144
182.5
1
3
3
231
13
3KP130
3KP130C
3KP130A
3KP130CA
130
144
165.5
1
3
3
209
14.4
3KP130A
3KP130CA
3KP150
3KP150C
150
167
211.5
1
3
3
268
11.2
3KP150
3KP150C
3KP150A
3KP150CA
150
167
192.5
1
3
3
243
12.4
3KP150A
3KP150CA
3KP160
3KP160C
160
178
226
1
3
3
287
10.4
3KP160
3KP160C
3KP160A
3KP160CA
160
178
205
1
3
3
259
11.6
3KP160A
3KP160CA
3KP170
3KP170C
170
189
239.5
1
3
3
304
9.8
3KP170
3KP170C
3KP170A
3KP170CA
170
189
217.5
1
3
3
275
11
3KP170A
3KP170CA
3KP180
3KP180C
180
198
253.8
1
3
3
322
9.3
3KP180
3KP180C
3KP180A
3KP180CA
180
198
230.4
1
3
3
292
10.3
3KP180A
3KP180CA
3KP190
3KP190C
190
209
267.9
1
3
3
340
8.8
3KP190
3KP190C
3KP190A
3KP190CA
190
209
243.2
1
3
3
308
9.7
3KP190A
3KP190CA
3KP200
3KP200C
200
220
282
1
3
3
358
8.4
3KP200
3KP200C
3KP200A
3KP200CA
200
220
256
1
3
3
324
9.3
3KP200A
3KP200CA
3KP210
3KP210C
210
231
296.1
1
3
3
376
7.8
3KP210
3KP210C
3KP210A
3KP210CA
210
231
268.8
1
3
3
340
8.8
3KP210A
3KP210CA
3KP220
3KP220C
220
242
310.2
1
3
3
394
7.6
3KP220
3KP220C
3KP220A
3KP220CA
220
242
281.6
1
3
3
356
8.4
3KP220A
3KP220CA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com