Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C2GCMAT30C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 78C2GCMAT30C
Description  8GB DDR3 SDRAM SODIMM with SPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

78C2GCMAT30C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  78C2GCMAT30C Datasheet HTML 1Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 2Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 3Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 4Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 5Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 6Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications
Features
•
On Dimm Thermal Sensor: No
• Double-data-rate architecture; two data transfers per
• Density: 8GB
clock cycle
• Organization
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
 1024M words × 64 bits, 2 ranks
• Bi-directional differential data strobe (DQS and /DQS)
• Mounting 16 pieces of 4G bits DDR3 SDRAM sealed
is transmitted/received with data for capturing data at
in FBGA
the receiver
• Package: 204-pin socket type small outline dual in
• DQS is edge-aligned with data for READs; center-
line memory module (SO-DIMM)
aligned with data for WRITEs
 PCB height: 30.0mm
• Differential clock inputs (CK and /CK)
 Lead pitch: 0.6mm (pin)
• DLL aligns DQ and DQS transitions with CK
 Lead-free (RoHS compliant)
transitions
• Power supply: VDD = 1.5V ± 0.075V
• Commands entered on each positive CK edge; data
• Eight internal banks for concurrent operation
and data mask referenced to both edges of DQS
(components)
• Data mask (DM) for write data
• Interface: SSTL_15
• Posted /CAS by programmable additive latency for
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
better command and data bus efficiency
• /CAS Latency (CL): 6, 7, 8, 9
• On-Die-Termination (ODT) for better signal quality
• /CAS write latency (CWL): 5, 6, 7
 Synchronous ODT
• Precharge: auto precharge option for each burst
 Dynamic ODT
access
 Asynchronous ODT
• Refresh: auto-refresh, self-refresh
• Multi Purpose Register (MPR) for temperature read
• Refresh cycles
out
 Average refresh period
• ZQ calibration for DQ drive and ODT
7.8µs at 0°C ≤ TC ≤ +85°C
• Programmable Partial Array Self-Refresh (PASR)
3.9µs at +85°C < TC ≤ +95°C
• /RESET pin for Power-up sequence and reset
• Operating case temperature range
function
 TC = 0°C to +95°C
• SRT range:
 Normal/extended
 Auto/manual self-refresh
• Programmable Output driver impedance control
Apacer Memory Product Specification
8GB DDR3 SDRAM SODIMM with SPD
Ordering Information
Part Number
Bandwidth Speed Grade
Max Frequency
CAS Latency
Density Organization
Component
Composition
Number of
Rank
78.C2GCM.AT30C
8GB
1024Mx64 512Mx8*16EA
2
10.6GB/sec
1333Mbps
666MHz
CL9


Similar Part No. - 78C2GCMAT30C

ManufacturerPart #DatasheetDescription
logo
Sames
78C05 SAMES-78C05 Datasheet
154Kb / 10P
Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
logo
Grayhill, Inc
78C08SRAT GRAYHILL-78C08SRAT Datasheet
233Kb / 1P
Thru-Hole DIP Switches
logo
Renesas Technology Corp
78C11A RENESAS-78C11A Datasheet
779Kb / 68P
MOS INTEGRATED CIRCUIT
1990
78C12A RENESAS-78C12A Datasheet
779Kb / 68P
MOS INTEGRATED CIRCUIT
1990
78C18 RENESAS-78C18 Datasheet
3Mb / 112P
MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - 78C2GCMAT30C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ82HF4B1RA ELPIDA-EBJ82HF4B1RA Datasheet
248Kb / 26P
8GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
204pin DDR3 SDRAM SODIMM
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
204pin DDR3 SDRAM SODIMM
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
8GB DDR3 SDRAM SO-DIMM
logo
Hynix Semiconductor
H5TQ8G43AMR HYNIX-H5TQ8G43AMR Datasheet
477Kb / 35P
8Gb DDR3 SDRAM
logo
List of Unclassifed Man...
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
2GB DDR3 SDRAM SODIMM with SPD
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
4GB DDR3 SDRAM SODIMM with SPD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com