Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78C2GCMAT30C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 78C2GCMAT30C
Description  8GB DDR3 SDRAM SODIMM with SPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

78C2GCMAT30C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  78C2GCMAT30C Datasheet HTML 1Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 2Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 3Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 4Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 5Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 6Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Configurations
1 pin
2 pin
Front side
Back side
71 pin
72 pin
73 pin
74 pin
203 pin
204 pin
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREFDQ
103
/CK0
2
VSS
104
/CK1
3
VSS
105
VDD
4
DQ4
106
VDD
5
DQ0
107
A10 (AP)
6
DQ5
108
BA1
7
DQ1
109
BA0
8
VSS
110
/RAS
9
VSS
111
VDD
10
/DQS0
112
VDD
11
DM0
113
/WE
12
DQS0
114
/CS0
13
VSS
115
/CAS
14
VSS
116
ODT0
15
DQ2
117
VDD
16
DQ6
118
VDD
17
DQ3
119
A13
18
DQ7
120
ODT1
19
VSS
121
/CS1
20
VSS
122
NC
21
DQ8
123
VDD
22
DQ12
124
VDD
23
DQ9
125
NC
24
DQ13
126
VREFCA
25
VSS
127
VSS
26
VSS
128
VSS
27
/DQS1
129
DQ32
28
DM1
130
DQ36
29
DQS1
131
DQ33
30
/RESET
132
DQ37
31
VSS
133
VSS
32
VSS
134
VSS
33
DQ10
135
/DQS4
34
DQ14
136
DM4
35
DQ11
137
DQS4
36
DQ15
138
VSS
37
VSS
139
VSS
38
VSS
140
DQ38
39
DQ16
141
DQ34
40
DQ20
142
DQ39
41
DQ17
143
DQ35
42
DQ21
144
VSS
43
VSS
145
VSS
44
VSS
146
DQ44
45
/DQS2
147
DQ40
46
DM2
148
DQ45
47
DQS2
149
DQ41
48
VSS
150
VSS
49
VSS
151
VSS
50
DQ22
152
/DQS5
51
DQ18
153
DM5
52
DQ23
154
DQS5
53
DQ19
155
VSS
54
VSS
156
VSS
55
VSS
157
DQ42
56
DQ28
158
DQ46
57
DQ24
159
DQ43
58
DQ29
160
DQ47
59
DQ25
161
VSS
60
VSS
162
VSS
61
VSS
163
DQ48
62
/DQS3
164
DQ52
63
DM3
165
DQ49
64
DQS3
166
DQ53
65
VSS
167
VSS
66
VSS
168
VSS
67
DQ26
169
/DQS6
68
DQ30
170
DM6
Apacer Memory Product Specification



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com