Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 39 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 39 Page - Rohm

Back Button BA2901F Datasheet HTML 35Page - Rohm BA2901F Datasheet HTML 36Page - Rohm BA2901F Datasheet HTML 37Page - Rohm BA2901F Datasheet HTML 38Page - Rohm BA2901F Datasheet HTML 39Page - Rohm BA2901F Datasheet HTML 40Page - Rohm BA2901F Datasheet HTML 41Page - Rohm BA2901F Datasheet HTML 42Page - Rohm BA2901F Datasheet HTML 43Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
39/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Typical Performance Curves - continued
○BA2901xx, BA2901Sxx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BA2901:-40°C to +125°C
BA2901S:-40°C to +105°C
0
1
2
3
4
5
0
20
406080
100
Over Drive Voltage [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
5mV overdrive
20mV overdrive
100mV overdrive
125℃
25℃
-40℃
5mV overdrive
20mV overdrive
100mV overdrive
105℃
Figure 108.
Response Time (Low to High)
vs Ambient Temperature
(VCC=5V, VRL=5V, RL=5.1kΩ)
Figure 110.
Response Time (High to Low)
vs Ambient Temperature
(VCC=5V, VRL=5V, RL=5.1kΩ)
Figure 109.
Response Time (High to Low)
vs Over Drive Voltage
(VCC=5V, VRL=5V, RL=5.1kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com