Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 7 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 7 Page - Rohm

Back Button BA2901F Datasheet HTML 3Page - Rohm BA2901F Datasheet HTML 4Page - Rohm BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm BA2901F Datasheet HTML 10Page - Rohm BA2901F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Electrical Characteristics - continued
○BA10393F (Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 23)
VIO
25°C
-
1
5
mV
OUT=1.4V
Input Offset Current
(Note 23)
IIO
25°C
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 24)
IB
25°C
-
50
250
nA
OUT=1.4V
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25°C
50
200
-
V/mV
RL=15kΩ, VCC=15V,
VRL=15V, OUT=1.4 to 11.4V
94
106
-
dB
Supply Current
ICC
25°C
-
0.4
1
mA
RL=∞, All Comparators
Output Sink Current
(Note 25)
ISINK
25°C
6
16
-
mA
-IN=1V, +IN=0V
OUT=1.5V
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
-IN=1V, +IN=0V
ISINK=4mA
Output Leakage Current
(High Level Output Current)
ILEAK
25°C
-
0.1
-
μA
-IN=0V, +IN=1V
OUT=5V
25°C
-
-
1
μA
-IN=0V, +IN=1V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 23) Absolute value
(Note 24) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
(Note 25) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.
○BA10339 xx(Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 26)
VIO
25°C
-
1
5
mV
OUT=1.4V
Input Offset Current
(Note 26)
IIO
25°C
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 27)
IB
25°C
-
50
250
nA
OUT=1.4V
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25°C
50
200
-
V/mV
RL=15kΩ, VCC=15V
VRL=15V, OUT=1.4 to 11.4V
94
160
-
dB
Supply Current
ICC
25°C
-
0.8
2
mA
RL=∞, All Comparators
Output Sink Current
(Note 28)
ISINK
25°C
6
16
-
mA
-IN=1V, +IN=0V
OUT=1.5V
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
-IN=1V, +IN=0V
ISINK=4mA
Output Leakage Current
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
-IN=0V, +IN=1V
OUT=5V
25°C
-
-
1
μA
-IN=0V, +IN=1V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 26) Absolute value
(Note 27) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
(Note 28) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com