Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRD4367 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LRD4367
Description  TeSys짰 IEC Contactors and Starters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD4367 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LRD4367 Datasheet HTML 17Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 18Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 19Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 20Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 21Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 22Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 23Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 24Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-21
Enclosed Starters
TeSys® D in Metal Enclosures
Refer to Catalog 8502CT9901
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .page 18-48
TeSys D enclosed full voltage starters are available in Type 1 and Type 12/3R enclosures through 50 hp at 460 V. The
enclosed D-line accepts standard D-Line accessories and all Insta-Kits™ control units and control power transformer
kits. Standard capacity control power transformers with built-in fuse block can be installed in the standard enclosure.
For extra capacity, please refer to your local distributor or nearest Square D/Schneider Electric sales office.
Table 18.69:
Enclosed Full Voltage Non-reversing Starters
Max. Horsepower Ratings (AC3)
Auxiliary Contacts Current Rating
of Contactor
Catalog Number
$ Price
Catalog Number
$ Price
1 Phase
3 Phase
115
230
200 V
230 V
460 V
575V
N.O.
N.C.
Type 1
Type 12/3R
0.333
1
2
2
5
7.5
1
1
9
LE1D093A62•••••
109. LE1D093A72•••••
175.
0.5
2
3
3
7.5
10
1
1
12
LE1D123A62•••••
137. LE1D123A72•••••
202.
1
3
5
5
10
15
1
1
18
LE1D183A62•••••
153. LE1D183A72•••••
219.
2
3
5
7.5
15
20
1
1
25
LE1D253A62•••••
170. LE1D253A72•••••
235.
2
5
7.5
10
20
25
1
1
32
LE1D323A62•••••
191. LE1D323A72•••••
245.
3
5
10
10
30
30
1
1
40
LE1D403A62•••••
273. LE1D403A72•••••
393.
3
7.5
12
15
40
40
1
1
50
LE1D503A62•••••
300. LE1D503A72•••••
420.
5
10
20
20
40
50
1
1
65
LE1D653A62•••••
393. LE1D653A72•••••
514.
7.5
15
30
30
60
60
1
1
80
LE1D803A62•••••
473. LE1D803A72•••••
610.
Table 18.70:
Enclosed Full Voltage Reversing Starters
Max. Horsepower Ratings (AC3) 3 Phase
Auxiliary Contacts On Each
Contactor
Current Rating
of Contactor
Catalog Number
$ Price
Catalog Number
$ Price
200V
230 V
460 V
575 V
N.O.
N.C.
Type 1
Type 12/3R
2
2
5
7.5
1
1
9
LE2D093A62•••••
305. LE2D093A72•••••
382.
3
3
7.5
10
1
1
12
LE2D123A62•••••
355. LE2D123A72•••••
453.
5
5
10
15
1
1
18
LE2D183A62•••••
385. LE2D183A72•••••
483.
5
7.5
15
20
1
1
25
LE2D253A62•••••
415. LE2D253A72•••••
513.
7.5
10
20
25
1
1
32
LE2D323A62•••••
464. LE2D323A72•••••
573.
10
10
30
30
1
1
40
LE2D403A62•••••
655. LE2D403A72•••••
819.
12
15
40
40
1
1
50
LE2D503A62•••••
710. LE2D503A72•••••
874.
20
20
40
50
1
1
65
LE2D653A62•••••
900. LE2D653A72•••••
1030.
30
30
60
60
1
1
80
LE2D803A62•••••
1248. LE2D803A72•••••
1412.
Table 18.71:
Catalog Number Nomenclature
f
Control Power Transformer
Add price from page 18-23. Select letter for primary
voltage of CPT:
Voltage
No Transformer used
208
240
480
600
Code
O a
LM
T
X
a
Letter O, not zero.
Note: If control transformer is used, the only options available are 24 or 120
volts as the secondary of the transformer. Also, DC voltages are not
available when control power transformer is used.
g
Contactor/Starter Coil Voltage
Select coil voltage from table:
Voltage
24
120
208
240
480
600
AC
BG
L
U
T
X
DC
B
—————
h
Coil Frequency
Select:
7 = dual frequency coils (50/60 Hz.)
6 = 60 Hz.
D=DC
Note: For 9 to 65 A contactors, only dual frequency coils are available; 80
A contactors, the 24 V to 240 V coils are dual frequency only (50/60
Hz.). The 480 V to 600 V coils are 60 Hz. only. See catalog for other
restrictions.
j
Overload relay type
Select:
0 = No overload relay
1 = Class 10 Trip
2 = Class 20 Trip
LE1D093A62 O G 7 1 07
Overload Relay Range i
Overload Relay Type j
Coil Frequency h
Contactor/Starter Coil Voltage g
Control Power Transformer f
Wiring Method
Base Catalog Number
Catalog Number Example:
i
Overload Relay Range
Select code from the below:
Code
Range
For use on
Contactors
$ Price Adder
01
0.1–0.16
D09–D32b
60.
02
0.16–0.25
D09–D32b
60.
03
0.25–0.40
D09–D32b
60.
04
0.40–0.63
D09–D32b
60.
05
0.63–1.0
D09–D32b
60.
06
1.0–1.6
D09–D32b
60.
07
1.6–2.5
D09–D32b
60.
08
2.5–4
D09–D32
60.
10
4–6
D09–D32
60.
12
5.5–8
D09–D32
60.
13
9–13
D40, D50, D65
107.
14
7–10
D09–D32
62.
16
9–13
D12–D32
62.
18
12–18
D40, D50, D65
107.
21
12–18
D18–D32
62.
22
16–24
D25–D32b
62.
17–25
D25–D32c
62.
17–25
D80
107.
25
17–25
D40, D50, D65
107.
30
23-28
D25–D32c
73.
32
23–32
D25–D32
73.
32
23–32
D40, D50, D65
107.
40
30–40
D40, D50, D65
107.
50
37–50
D40, D50, D65
107.
53
30–38
D80
107.
55
30–40
D80
107.
57
37–50
D80
107.
59
48–65
D80
107.
61
55–70
D65–D80
107.
63
63–80
D65–D80
107.
65
48–65
D40, D50, D65
107.
b
Available for Class 10 only.
c
Available for Class 20 only.
Note: If no overload relay is required, leave this portion of the catalog blank.
Add appropriate Price Adder to the base price of the starter.
I11
Discount
Schedule



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com