Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRD4367 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LRD4367
Description  TeSys짰 IEC Contactors and Starters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD4367 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LRD4367 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 10Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-7
Contactors
TeSys® F 3-Pole Reversing, AC or DC Operating Coil
Refer to Catalog 8502CT9901
HOW TO ORDER:
Components are available for customer assembly of TeSys F reversing contactors. For
example, the following components must be ordered to build a 75 hp @ 460 V reversing
contactor with a 120 V/60 Hz coil:
TeSys F contactor accessories. . . . . . . . . . . . . . . . . . . . . . . . . . . . page 18-11
TeSys F overload relay accessories. . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys F replacement coils and parts . . . . . . . . . . pages 18-13, 18-18, 18-20
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .page 18-42
Table 18.11:
Quantity
Catalog Number
Description
2
LC1F115G6
Contactors
6
DZ2FF1
Lugs (page 18-12)
2
LADN11
Auxiliary contacts
1
LA9FF976
Power connections
1
LA9FF970
Mechanical interlock
Table 18.12:
3-Pole Contactors
Maximum Horsepower Ratings
Maximum Current
Holding Circuit
Contact Built
Into Coil
Catalog
Numbera
$ Price
Three Phase
Inductive
AC3
Amperes
Resistive
AC1
Amperes
200 V
hp
230 V
hp
460 V
hp
575 V
hp
N.O.
N.C.
30
40
75
100
115
200
1
0
LC1F115
479.00
40
50
100
125
150
250
1
0
LC1F150
696.00
50
60
125
150
185
275
1
0
LC1F185
938.00
60
75
150
200
265
350
1
0
LC1F265
1179.00
75
100
200
250
330
400
1
0
LC1F330
1621.00
100
125
250
300
400
500
1
0
LC1F400
1874.00
150
200
400
500
500
700
1
0
LC1F500
4970.00
250
300
600
800
630
1000
1
0
LC1F630
6872.00
Current rated
780
1600
0
0
LC1F780
7788.00
—
450
800
900
800
1000
0
0
LC1F800
6676.00
a
Use coil voltage codes from the “Voltage Codes” table on page 18-6 to complete the contactor catalog number.
Table 18.13:
Auxiliary contact (electrical interlocking) - 2 must be purchased
For use with
Number of
Contacts
Maximum Number
of Blocks
Per Contactor
Contact Arrangement
Catalog Number
$ Price
LC1F
to be ordered
separately
11
1—
LADN10
13.10
—1
LADN01
13.10
22
11
LADN11
20.70
2-
LADN20
20.70
42
22
LADN22
41.50
13
LADN13
41.50
4—
LADN40
41.50
—4
LADN04
41.50
31
LADN31
41.50
22 b
LADC22
41.50
b
including 1 N.O. + 1 N.C. make-before-break
Table 18.14:
Accessories—For the assembly of three-pole reversing contactors
(horizontal mounting)
With 2 Identical
Contactors c
Set Of Power Connections
Catalog Number
$ Price
Horizontal Mounting
Mechanical Interlock Kit
Catalog Number
$ Price
LC1F115
LA9FF976
106.00
LA9FF970
53.00
LC1F150
LA9F15076
96.00
LA9FF970
53.00
LC1F185
LA9FG976
113.00
LA9FG970
53.00
LC1F265
LA9FH976
151.00
LA9FJ970
76.00
LC1F330
LA9FJ976
225.00
LA9FJ970
76.00
LC1F400
LA9FJ976
198.00
LA9FJ970
76.00
LC1F500
LA9FK976
306.00
LA9FJ970
76.00
LC1F630, F800
LA9FL976
568.00
LA9FL970
76.00
c
For two contactors of different size, refer to pages 18-15.
LC1F265
E164862
CCN NLDX
LR43364
Class 3211 04
I12
Discount
Schedule



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com