Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3693NE Datasheet(PDF) 18 Page - Dynex Semiconductor

Part # MAS3693NE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3693NE Datasheet(HTML) 18 Page - Dynex Semiconductor

Back Button MAS3693NE Datasheet HTML 14Page - Dynex Semiconductor MAS3693NE Datasheet HTML 15Page - Dynex Semiconductor MAS3693NE Datasheet HTML 16Page - Dynex Semiconductor MAS3693NE Datasheet HTML 17Page - Dynex Semiconductor MAS3693NE Datasheet HTML 18Page - Dynex Semiconductor MAS3693NE Datasheet HTML 19Page - Dynex Semiconductor MAS3693NE Datasheet HTML 20Page - Dynex Semiconductor MAS3693NE Datasheet HTML 21Page - Dynex Semiconductor MAS3693NE Datasheet HTML 22Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
MA3690/1/3
18/41
Symbol
Description
Min.
Typ.
Max.
Units
t40
RESETN
↓ to ADEN ↓
80
nS
t41
PUCN
↑ to RESETN ↑
2t
t42
RESETN
↑ to ADENN ↑
2t
2t + 80
nS
t43
Initialisation word set-up wrt RESETN
↑
15
nS
t44
Initialisation word HOLD wrt RESETN
↑
20
nS
t45
Minimum RESETN pulse width
90
nS
t46
Minimum CK12 high
33
nS
t47
Minimum CK12 low
20
nS
t48
CK12
↑ to CK4 ↑
90
nS
t49
CK12
↓ to CK4 ↓
90
nS
t50
HALTREQN pulse width
1t
t51
HALTREQN
↑ to HALTEDN ↑
55
nS
t52
HALTREQN
↑ to CODENN ↓
1t
2t
t53
CODENN
↑
to CODENN
↓
2t
t54
RT-RT minimum validation time
1) RT1 = 0
RT0 = 0
55.75
56.25
uS
2) RT1 = 0
RT0 = 1
61 75
62.25
uS
3) RT1 = 1
RT0 = 0
83.75
84.25
uS
4) RT1 = 1
RT0 = 1
147.75
148.25
uS
t55
HALTREQN setup for next message wrt to INCMDN
↑
150
nS
t56
R/WN
↓
to R/WN
↓ RT-BC Report cycle
80t
t57
BUFENN
↑
to BUFENN
↓ Data word to report word
29t
t58
BC intermessage gap
1) without a No Operation instruction
20
uS
2) with a No Operation instruction
28
uS
t59
CODENN interval high between received status
24t
and report word during report cycle
t60
CODENN interval between report word and
6t
next message fetch for continuous operation
t61
CODEN interval between BC Noop data
pointer fetch and report word
5t
t62
INCMDN
↑
to INCADDRN
↓
1t
t63
BUSYREQN
↓ to BUSYACKN ↓
60
nS
t64
BUSYREQN
↑ to BUSYACKN ↑
60
nS
t65
INCMDN
↑
to BUSYACKN
↓
60
nS
t66
INCMDN
↑
to BUSYACKN
↑
100
nS
t67
CK4
↑ to R/WN/BUFENN/CO/C1/CODENN/MDTN
115
nS
Mil-Std-883, method 5005, subgroups 9, 10, 11
Notes:
1. t = CK4 period, t12 = CK12 period
2. Times quoted as typical means a fixed number of CK4 clock cycles but excludes slight variations due to
propagation delays.
Conditions: Vdd = 4.5 to 5.5V, Tamb = -55°C to +125°C, VIL = 0V, VIH = 4V, VOUT Threshold = 1.5V except t2 where measured
by a 1V change in output voltage. Load = 50pf except t2 where additional 1K load to 0V or VDD.
Figure 12: AC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com