Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3693NE Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MAS3693NE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3693NE Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MAS3693NE Datasheet HTML 2Page - Dynex Semiconductor MAS3693NE Datasheet HTML 3Page - Dynex Semiconductor MAS3693NE Datasheet HTML 4Page - Dynex Semiconductor MAS3693NE Datasheet HTML 5Page - Dynex Semiconductor MAS3693NE Datasheet HTML 6Page - Dynex Semiconductor MAS3693NE Datasheet HTML 7Page - Dynex Semiconductor MAS3693NE Datasheet HTML 8Page - Dynex Semiconductor MAS3693NE Datasheet HTML 9Page - Dynex Semiconductor MAS3693NE Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
MA3690/1/3
6/41
REPORT STORE
The report store holds information concerning the success
or failure of the execution of the last instruction, and is
addressed by means of the CODENN, C0 and C1 lines as for
the instruction store The report store is addressed when the R/
WN line is low, the instruction store when the R/WN line is
high.
The report store comprises a Report word, a receive status
word (if applicable) and a transmit status word (if applicable).
The fourth location has no meaning and is not at anytime
addressed.
C1
C0
Word
0
0
Report word
0
1
RX status word
1
0
TX status word
1
1
Not used
REPORT WORD
The report word gives the subsystem information as to the
type of error associated with the last transfer (the word will be
clear if no error occurred). The report word is formatted as
follows:
The Report word is written at the end of message
execution, after all retries have been exhausted and prior to
the IRQN line being set active This word indicates the health of
the terminal as well as information relating to the message
execution.
Transmitter Timeout Error
This bit will be set if a transmitter timeout error occurs while
the terminal is transmittting or if a self test on the transmitter
timeout mechanism fails. This will come into effect 800us after
the commencement of the Self Test. The setting of this bit will
also cause a subsystem interrupt to be generated.
This bit will be reset to logic zero if the terminal is reset.
Subsystem Handshake Failure
This bit will be set if the subsystem fails to acknowledge a
terminal request to transfer a data word in 0.75us for a
received data word or 13.5us for a transmit data word. If this
condition takes place while the terminal is transmitting the
transmission will be aborted. The setting of this bit will also
cause a subsystem interrupt to be generated..
This bit will be reset to logic zero if the terminal is reset.
Loop Test Failure
This bit will be set if the receiver circuitry detects an
absence of terminal transmission or a waveform encoding
error occurs while the terminal is transmitting. The seting of
this bit while the terminal is transmitting will cause the
transmission to be aborted and a subsystem interrupt to be
generated.
This bit will be reset to logic zero if the terminal is reset.
Programmed Halt
This bit will be set if the Interrupt Always flag of the
Instruction word has been selected.
This bit will be reset at the start of each new instruction
execution cycle.
Retry Used
This bit will be set if one or more message retries has been
attempted.
This bit will be reset at the start of each new instruction
execution cycle.
Word Count Low
This bit will be set if the terminal detects fewer valid data
words than specified by the Transmit Command word of the
Instruction set.
This bit will be set low at the start of each instruction
execution cycle or message retry.
Word County High
This bit will be set if the terminal detects more valid data
words than specified by the Transmit Command word of the
Instruction set.
This bit will be set low at the start of each instruction
execution cycle or message retry.
Command Error
This bit will be set if an error occurs in the Instruction set.
The setting of this bit will cause instruction execution to be
aborted and a subsystem interrupt to be generated.
This bit will be reset at the start of each new instruction
execution cycle.
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Continuous Bus Traffic
0
TX Timeout Bus 1
TX Timeout Bus 0
RX Status Flag
RX Status Missing
TX Status Flag
TX Status Missing
Command Error
Word Count High
Word Count Low
Retry Used
Programmed Halt
Loop Test Fail
SS Handshake Fail
TX Timeout Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com