Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4545IMNTWG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4545IMNTWG
Description  ecoSwitch Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4545IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 9Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP4545
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. MOSFET Leakage Current vs.
Temperature
Figure 16. Bleed Resistance vs. Temperature
Figure 17. Standby Current vs. Supply Voltage
Figure 18. Standby Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
20
30
40
50
60
70
80
90
100
TJ, JUNCTION TEMPERATURE (°C)
95
100
105
110
115
120
125
130
Figure 19. Turn−on Response
(VCC = 3.3 V, VIN = 5.0 V, RL = 10 W, CL = 0.1 mF)
Figure 20. Turn−off Response
(VCC = 3.3 V, VIN = 5.0 V, RL = 10 W, CL = 0.1 mF)
VCC, SUPPLY VOLTAGE (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1
TJ, JUNCTION TEMPERATURE (°C)
4.5
4.75
5
5.25
5.5
5.75
6
4
4.25
010
20
30
40
50
60
70
90
80
0
10
20
30
40
50
60
70
90
80
010
20
30
40
50
60
70
90
80
3
3.5
4
4.5
5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com