Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4545IMNTWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4545IMNTWG
Description  ecoSwitch Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4545IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP4545
http://onsemi.com
4
SWITCHING CHARACTERISTICS (TJ = 25°C unless otherwise specified, Note 11)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VCC = 5.0 V, VIN = 1.8 V
Output Slew Rate (Note 12)
RL = 10 W, CL = 0.1 mF
SR
8.4
kV/s
Output Turn−on Delay (Note 12)
RL = 10 W, CL = 0.1 mF
TON
525
ms
Output Turn−off Delay
RL = 10 W, CL = 0.1 mF
TOFF
2.0
ms
VCC = 3.3 V, VIN = 5.0 V
Output Slew Rate (Note 12)
RL = 10 W, CL = 0.1 mF
SR
3.7
kV/s
Output Turn−on Delay (Note 12)
RL = 10 W, CL = 0.1 mF
TON
930
ms
Output Turn−off Delay
RL = 10 W, CL = 0.1 mF
TOFF
1.1
ms
11. See below figure for Test Circuit and Timing Diagrams.
12.See Applications Information below for details on how to adjust this parameter.
EN
NCP4545
DELAY
SR
GND
BLEED
OFF ON
10%
90%
SR = DV
VEN
50%
50%
10%
90%
Figure 2. Test Circuit and Timing Diagrams
VOUT
TON
TOFF
VOUT
Dt
Dt
DV
VIN
VCC
VOUT
RL
CL
ORDERING INFORMATION
Device
EN Polarity
Package
Shipping†
NCP4545IMNTWG
Active−HIGH
QFN18
(Pb−Free)
3000 / Tape & Reel
NCP4545IMNTWG−L
Active−LOW
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com