Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4228TRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS4228TRLPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4228TRLPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFS4228TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRFS/SL4228PbF
www.irf.com
3
Fig 6. Typical EPULSE vs. Drain Current
Fig 5. Typical EPULSE vs. Drain-to-Source Voltage
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
≤60µs PULSE WIDTH
Tj = 25°C
5.0V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
5.0V
≤60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
3
4
5
6
7
8
9
10
11
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 50A
VGS = 10V
85
90
95
100 105 110 115 120 125
VDS, Drain-to-Source Voltage (V)
20
30
40
50
60
70
80
90
100
110
120
L = 220nH
C = 0.3µF
100°C
25°C
60
65
70
75
80
85
90
95 100 105
ID, Peak Drain Current (A)
10
20
30
40
50
60
70
80
90
100
110
120
L = 220nH
C = Variable
100°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com