Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4228TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4228TRLPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4228TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS4228TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4228TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
09/14/07
IRFS4228PbF
IRFSL4228PbF
Notes
 through † are on page 10
Description
This HEXFET® Power MOSFET is specifically designed for Sustain; Energy Recovery & Pass switch
applications in Plasma Display Panels. This MOSFET utilizes the latest processing techniques to achieve
low on-resistance per silicon area and low EPULSE rating. Additional features of this MOSFET are 175°C
operating junction temperature and high repetitive peak current capability. These features combine to
make this MOSFET a highly efficient, robust and reliable device for PDP driving applications.
Features
l
Advanced Process Technology
l
Key Parameters Optimized for PDP
Sustain, Energy Recovery and Pass
Switch Applications
l
Low EPULSE Rating to Reduce Power
Dissipation in PDP Sustain, Energy
Recovery and Pass Switch Applications
l
Low QG for Fast Response
l
High Repetitive Peak Current Capability for
Reliable Operation
l
Short Fall & Rise Times for Fast Switching
l
175°C Operating Junction Temperature for
Improved Ruggedness
l
Repetitive Avalanche Capability for
Robustness and Reliability
PDP SWITCH
GD
S
Gate
Drain
Source
S
D
G
D2Pak
IRFS4228PbF
TO-262
IRFSL4228PbF
S
D
G
S
D
G
D
D
Absolute Maximum Ratings
Parameter
Units
VGS
Gate-to-Source Voltage
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
IRP @ TC = 100°C
Repetitive Peak Current
g
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature for 10 seconds
Mounting Torque, 6-32 or M3 Screw
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
0.45
°C/W
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak
h
–––
40
Max.
59
330
83
±30
170
300
-40 to + 175
10lb
xin (1.1Nxm)
330
170
2.2
VDS min
150
V
VDS (Avalanche) typ.
180
V
RDS(ON) typ. @ 10V
12
m
:
IRP max @ TC= 100°C
170
A
TJ max
175
°C
Key Parameters
* RθJC (end of life) for D2Pak and TO-262 = 0.65°C/W. This is the maximum measured value after 1000 temperature
cycles from -55 to 150°C and is accounted for by the physical wearout of the die attach medium.
*
PD - 97231A


Similar Part No. - IRFS4228TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4228PBF IRF-IRFS4228PBF Datasheet
376Kb / 10P
Advanced Process Technology
More results

Similar Description - IRFS4228TRLPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com