Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD03CL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD03CL
Description  250W Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD03CL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD03CL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD03CL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD03CL~SD24CL
Voltage 3V ~ 24V
250W Plastic Encapsulate ESD Protection Diodes
10-May-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The Series are ultra low capacitance transient voltage
suppressor arrays, designed to protect applications such as
portable electronics and SMART phones. This series is available
in both unidirectional and bidirectional configurations and is rated
at 350 Watts for an 8/20µs waveshape. The Series meets
IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements.
At higher operating frequencies or faster edge rates, insertion
loss and signal integrity are a major concern. This series offers
a ultra low capacitance and low leakage current in a miniature
SOD-323 package.
FEATURES
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
Protects one I/O line (bidirectional)
Low clamping voltage
MECHANICAL DATA
Case:SOD-323
Flammability Rating: UL 94V-0
High temperature soldering guaranted:260℃/10s
MARKING
Part Number
SD03CL
SD05CL
SD08CL
Marking
CC
AC
BC
Part Number
SD12CL
SD15CL
SD24CL
Marking
DC
EC
HC
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323
3K
7’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified )
Parameter
Symbol
Value
Unit
Air
±15
ESD per IEC 61000-4-2
Contact
VESD
±8
KV
Peak Pulse Power (tp = 8/20µs)
Ppp
250
W
Lead Soldering Temperature
TL
260
°C
Operating Temperature Range
TOPT
-55 ~ 150
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-323
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.00
F
1.20
1.40
B
0.00
0.10
G
1.60
1.80
C
0.80
0.90
H
2.50
2.70
D
0.25
0.35
J
0.475 REF.
E
0.08
0.15
Top View


Similar Part No. - SD03CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD03CL SECOS-SD03CL Datasheet
555Kb / 2P
250W Plastic Encapsulate ESD Protection Diodes
SD03CL SECOS-SD03CL_15 Datasheet
555Kb / 2P
250W Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - SD03CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SD03CL SECOS-SD03CL_15 Datasheet
555Kb / 2P
250W Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com