Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD03CL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD03CL
Description  250W Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD03CL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD03CL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD03CL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD03CL~SD24CL
Voltage 3V ~ 24V
250W Plastic Encapsulate ESD Protection Diodes
10-May-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS PER LINE (TA=25°C unless otherwise specified )
Rated-
Stand-Off
Voltage
Reverse Breakdown
Voltage
Maximum Clamping
Voltage
@8/20µs PPPM
Leakage
Current
Capacitance
VRWM
VBR @ IT
IR @ VRWM
C
Max.
Min.
IT
VC @ IPP
Max.
Typ.
Part
Number
V
V
mA
V
A
V
A
µ
A
pF
SD03CL
3
4
1
7
1
13.9
8
20
0.8
SD05CL
5
6
1
9.8
1
18.3
8
5
0.8
SD08CL
8
8.5
1
13.4
1
18.5
8
2
0.8
SD12CL
12
13.3
1
19
1
28.6
6
1
0.8
SD15CL
15
16.7
1
24
1
31.8
5
1
0.8
SD24CL
24
26.7
1
43
1
56
3
1
0.8
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com