Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN80N60P3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN80N60P3
Description  Polar3 HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N60P3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN80N60P3 Datasheet HTML 1Page - IXYS Corporation IXFN80N60P3 Datasheet HTML 2Page - IXYS Corporation IXFN80N60P3 Datasheet HTML 3Page - IXYS Corporation IXFN80N60P3 Datasheet HTML 4Page - IXYS Corporation IXFN80N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
66
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
200
A
I
A
T
C = 25°C40
A
E
AS
T
C = 25°C2
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
35
V/ns
P
D
T
C = 25°C
960
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS, t = 1minute
2500
V~
I
ISOL ≤ 1mA,
t = 1s
3000
V~
M
d
Mounting Torque for Base Plate
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
600
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 125°C
4 mA
R
DS(on)
V
GS = 10V, ID = 40A, Note 1
70 m
Ω
IXFN80N60P3
V
DSS
=
600V
I
D25
=
66A
R
DS(on) ≤
≤≤≤≤
70m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
250ns
DS100356(07/11)
N-Channel Enhancement Mode
Fast Intrinsic Rectifier
Features
International Standard Package
Low Intrinsic Gate Resistance
miniBLOC with Aluminum Nitride
Isolation
Dynamic dv/dt Rating
Avalanche Rated
Fast Intrinsic Rectifier
Low Q
G
Low R
DS(on)
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
Uninterrupted Power Supplies
AC Motor Drives
High Speed Power Switching
Applications
Advance Technical Information
miniBLOC
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
Either Source Terminal S can be used as
the Source Terminal or the Kelvin Source
(Gate Return) Terminal.
Polar3TM HiPerFETTM
Power MOSFET


Similar Part No. - IXFN80N60P3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN80N60P3 ISC-IXFN80N60P3 Datasheet
689Kb / 3P
N-Channel MOSFET Power Module
More results

Similar Description - IXFN80N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB110N60P3 IXYS-IXFB110N60P3 Datasheet
148Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFB132N50P3 IXYS-IXFB132N50P3 Datasheet
148Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFH42N60P3 IXYS-IXFH42N60P3 Datasheet
122Kb / 5P
Polar3 HiperFET Power MOSFET
IXFK78N50P3 IXYS-IXFK78N50P3 Datasheet
138Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFK80N60P3 IXYS-IXFK80N60P3 Datasheet
137Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFK98N50P3 IXYS-IXFK98N50P3 Datasheet
138Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFN110N60P3 IXYS-IXFN110N60P3 Datasheet
130Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFN132N50P3 IXYS-IXFN132N50P3 Datasheet
130Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
173Kb / 5P
Polar3 HiperFET Power MOSFET
IXFL132N50P3 IXYS-IXFL132N50P3 Datasheet
192Kb / 6P
Polar3 HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com