Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0823P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PX0823P
Description  BUCCANEER FOR POWER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0823P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PX0823P Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.bulgin.com
27
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
PX0732/S
Standard Buccaneer®
Mates with Flex Cable
Connector
Pin or Socket Versions
Leading Earth on 3 pole
connectors
Poles 2, 3, 4, 6, 7, 9, 12, 25
or BNC
Standard Cable Acceptance (2
to 9 pole) 6-8mm, 3.5-9mm
with alternative glands
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PX0737/P
PX0737/S
Supplied Fitted
3
Screw
PX0732/P
PX0732/S
Supplied Fitted
3
Crimp
PX0778/P
PX0778/S
Supplied Loose
4
Screw
PX0749/P
PX0749/S
Supplied Fitted
6
Screw
PX0740/P
PX0740/S
Supplied Fitted
7
Screw
PX0746/P
PX0746/S
Supplied Fitted
9
Crimp
PX0729/P
PX0729/S
Supplied Loose
12
Crimp/Solder
PX0795/P
PX0795/S
Order Separately
25
Crimp/Solder
PX0821/P
PX0821/S
Order Separately
50
 BNC
Crimp
PX0743/S/50OHM
Supplied Loose
75
 BNC
Crimp
PX0743/S/75OHM
Supplied Loose
PX0731/P
Mates with In-Line Flex or
Panel Mounting Versions
Screw Locking Ring
Pin or Socket Versions
Leading Earth on 3 pole
connectors
Poles 2, 3, 4, 6, 7, 9, 12, 25
or BNC
Standard Cable Acceptance (2
to 9 pole) 6-8mm, 3.5-9mm
with alternative glands
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PX0736/P
PX0736/S
Supplied Fitted
3
Screw
PX0731/P
PX0731/S
Supplied Fitted
3
Crimp
PX0776/P
PX0776/S
Supplied Loose
4
Screw
PX0748/P
PX0748/S
Supplied Fitted
6
Screw
PX0739/P
PX0739/S
Supplied Fitted
7
Screw
PX0745/P
PX0745/S
Supplied Fitted
9
Crimp
PX0728/P
PX0728/S
Supplied Loose
12
Crimp/Solder
PX0794/P
PX0794/S
Order Separately
25
Crimp/Solder
PX0820/P
PX0820/S
Order Separately
50
 BNC
Crimp
PX0742/P/50OHM
Supplied Loose
75
 BNC
Crimp
PX0742/P/75OHM
Supplied Loose
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR
Overmoulded cable assemblies
Up to 14mm dia cable with
PVC or PU jackets
PX0700 flex cable connector
Mates with in-line flex
connector and all panel
connectors
PX0700
PRE-WIRED FLEX CABLE CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com