Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0823P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PX0823P
Description  BUCCANEER FOR POWER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0823P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  PX0823P Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0823P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.bulgin.com
34
34
BUCCANEER FOR POWER
bulgin
a brand of Elektron Technology
Sealed In-Line Cable Joiner
PX0777
PX0777/OR
IP68 Rating
For Sealed In-Line
Connections
Standard Cable Acceptance 6-
8mm
Cable Range 3.5-9mm (using
alternative glands)
Supplied with 3 way Terminal
Block
Available Moulded in Black or
Orange
Specification
PX0777
Rating:
16A, 250V a.c.
Wire Termination:
3 way Terminal Block (2.5mm2 -14 AWG max)
Cable Acceptance:
6-8mm dia
alternative glands available on request
Material:
Glass Filled Polyamide UL94HB
Sealing:
IP68 to BSEN 60529 : 1992 1.054kg/sq.cm.
(15lbs/sq.in.) 10m depth for 2 weeks
Operating Temp. Range:
–20˚C to +70˚C
Colour:
Black
Orange (Add /OR to PNo.)
BNC Cable Types:
50 ohm – RG58/CU, URM43 & URM76
For BNC version of PX0777 add
/50OHM to PNo.
Compliant
CABLE JOINER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com