Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD12P10 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD12P10
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD12P10 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD12P10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD12P10
-12A , -100V , RDS(ON) 210mΩ
P-Channel Enhancement MOSFET
16-Nov-2012 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
12P10

RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD12P10 provide the designer with the best combination
of fast switching, ruggedized device design, low on-resistance
and cost-effectiveness.
The TO-252 package is universally preferred for all
commercial-industrial surface mount applications.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching Characteristic
RoHS Compliant
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
-12
A
Continuous Drain Current @VGS=10V
TC=100°C
ID
-10
A
Pulsed Drain Current
1
IDM
-48
A
Total Power Dissipation
TC=25°C
PD
35.7
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction- case
RθJC
3.5
°C / W
Maximum Thermal Resistance Junction-ambient
RθJA
110
°C / W
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.80
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20

Gate

Source

Drain


Similar Part No. - SSD12P10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSD12P10 VBSEMI-SSD12P10 Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD12P10 SECOS-SSD12P10_15 Datasheet
431Kb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - SSD12P10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com